Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6849 Fiches technique(PDF) 7 Page - Rohm

No de pièce BA6849
Description  3-phase motor driver for CD-ROMs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6849 Fiches technique(HTML) 7 Page - Rohm

Back Button BA6849 Datasheet HTML 3Page - Rohm BA6849 Datasheet HTML 4Page - Rohm BA6849 Datasheet HTML 5Page - Rohm BA6849 Datasheet HTML 6Page - Rohm BA6849 Datasheet HTML 7Page - Rohm BA6849 Datasheet HTML 8Page - Rohm BA6849 Datasheet HTML 9Page - Rohm BA6849 Datasheet HTML 10Page - Rohm BA6849 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
869
Motor driver ICs
BA6849FP / BA6849FP-Y / BA6849FM / BA6849FS
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 5V, VM1 = 12V, VM2 = 12V)


Numéro de pièce similaire - BA6849

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6840 ROHM-BA6840 Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFP ROHM-BA6840BFP Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFP-Y ROHM-BA6840BFP-Y Datasheet
127Kb / 9P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6842BFS ROHM-BA6842BFS Datasheet
127Kb / 9P
   3-phase motor driver
More results

Description similaire - BA6849

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Rohm
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849_15 Datasheet
199Kb / 12P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
logo
Rohm
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6665FM ROHM-BA6665FM Datasheet
67Kb / 9P
   Motor driver for CD-ROMs
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com