Moteur de recherche de fiches techniques de composants électroniques |
|
BA6848FP Fiches technique(PDF) 1 Page - Rohm |
|
BA6848FP Fiches technique(HTML) 1 Page - Rohm |
1 / 11 page 781 Motor driver ICs 3-phase motor driver for CD-ROMs BA6848FP / BA6853FS The BA6848FP and BA6853FS are single-chip ICs developed for CD-ROM spindle motor drives. These ICs are 3- phase, full-wave, pseudo-linear drives with FG output, FG composite output, and reverse-rotation pins built-in for high functionality and high performance. FApplications CD-ROM, CD-R, CD-RW, DVD-ROM, DVD-RAM FFeatures 1) Three-phase, full wave, pseudo-linear drive system. 2) Built-in PS pin for power save mode when ON. 3) Built-in thermal shutdown and current limiter circuits. 4) Built-in Hall bias circuit (for the BA6848FP). 5) Built-in FG output and FG composite output. 6) Built-in reverse-rotation pin. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Numéro de pièce similaire - BA6848FP |
|
Description similaire - BA6848FP |