Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6820F Fiches technique(PDF) 8 Page - Rohm

No de pièce BA6820F
Description  LED level meter driver, 12-point x 2 channel, VU scale, bar display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6820F Fiches technique(HTML) 8 Page - Rohm

Back Button BA6820F Datasheet HTML 2Page - Rohm BA6820F Datasheet HTML 3Page - Rohm BA6820F Datasheet HTML 4Page - Rohm BA6820F Datasheet HTML 5Page - Rohm BA6820F Datasheet HTML 6Page - Rohm BA6820F Datasheet HTML 7Page - Rohm BA6820F Datasheet HTML 8Page - Rohm BA6820F Datasheet HTML 9Page - Rohm BA6820F Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
669
Audio ICs
BA6820F / BA6822S / BA6822F
(2) LED drive outputs (pins 16 to 21)
These are open-collector outputs that drive the LEDs
(see Fig. 5).
One complete cycle of the timing chart starting from O1
(pin 21) is as follows: if the channel 1 input is higher than
comparator level 1 during the first-point period for chan-
nel 1, a “L” level is output. Next, if the channel 1 input is
higher than comparator level 2 during the second-point
period for channel 1, a “L” level is output, if the channel
2 input is higher than comparator level 1 during the first-
point period for channel 2, a “L” level is output, and then
if the channel 2 input is higher than comparator level 2
during the second-point period for channel 2, a “L” level
is output.This cycle is then repeated for outputs O2 to O6.
(5)
Mode switch pins (pins 6, 7 and 8)
S AC/DC mode switch pin (pin 6)
When “H” AC input (pins 1 and 3) is selected, and when
“L” DC input (pin 5) is selected.
“H”: 1, 3pin “L”: 5pin
S Mute (pin 7)
When “H”, mute is applied, and no display is output. Nor-
mally “L”.
S Peak hold (pin 8)
When “H”, peak hold for AC input is cancelled.
The circuit for these three mode switches is given in Fig.
6.
Pins 6 to 8 are pulled down by a 50k
Ω resistor, so there
is no need for the inputs to be connected to GND for a “L”
input.
(6)
Attack and release times (pins 2 and 4)
The output response to AC input signals is set by the RC
circuits connected to pins 2 and 4 (R1 and C3 for channel
1, and R2 and C4 for channel 2).
Attack time: the time for pins 2 and 4 to go from 0V to 2V
(when all 12 LEDs are lit) when the input signal goes from
no signal to a 1.8V input signal with f = 1kHz (the input
level at which the 12th LED lights is +6dB).
Release time: the time for pins 2 and 4 to go from 2V to
120mV (the level at which the first LED lights) when the
input signal goes from a 1.8V input signal to no signal (the
input level at which the 12th LED lights is +6dB).
The recommended values are 10k
Ω to 47kΩ for R1 and
R2 and 10
µF to 22µF for C3 and C4. In DC mode, the at-
tack and release times are zero seconds regardless of
the RC circuits (see Fig. 7).
(7)
Oscillator frequency (pin 9)
R3 and C5 connected to pin 9 determine the oscillator fre-
quency.
The relationship between the oscillator frequency and
the display switching period is as follows:
The LED drive output, display switch output period, peak
hold time, and mute time when power is applied are all
determined by the oscillation frequency, and are varied
when the frequency is changed.


Numéro de pièce similaire - BA6820F

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BA682 PHILIPS-BA682 Datasheet
31Kb / 5P
   Band-switching diodes
1996 Mar 13
logo
Vishay Siliconix
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
   Silicon Planar Diodes
Rev. 1.5, 16-Mar-06
logo
Semtech Corporation
BA682 SEMTECH-BA682 Datasheet
94Kb / 2P
   Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
logo
Guangdong Kexin Industr...
BA682 KEXIN-BA682 Datasheet
32Kb / 1P
   Band-switching diodes
More results

Description similaire - BA6820F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6810F ROHM-BA6810F Datasheet
140Kb / 7P
   Fluorescent display tube level meter driver, 12-point x 2 channel, VU scale, bar display
BA6810S ROHM-BA6810S Datasheet
151Kb / 7P
   Fluorescent display tube level meter driver, 12-point x 2 channel, VU scale, bar display
BA682A ROHM-BA682A Datasheet
85Kb / 5P
   LED level meter driver, 12-point, VU scale, dot or bar display
BA6146 ROHM-BA6146 Datasheet
110Kb / 4P
   Fluorescent display tube level meter driver, 12-point, VU scale, bar display
BA6800AF ROHM-BA6800AF Datasheet
129Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6803S ROHM-BA6803S Datasheet
126Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
BA6800AS ROHM-BA6800AS Datasheet
131Kb / 7P
   Fluorescent display tube level meter driver, 16-point x 2 channel, VU scale, bar display
logo
NTE Electronics
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
   Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
logo
Rohm
BA6144 ROHM-BA6144 Datasheet
43Kb / 3P
   LED level meter driver, 5-point, VU scale
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
   LED level meter driver, 5-point, VU scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com