Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6444FP Fiches technique(PDF) 4 Page - Rohm

No de pièce BA6444FP
Description  3-phase motor driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6444FP Fiches technique(HTML) 4 Page - Rohm

  BA6444FP Datasheet HTML 1Page - Rohm BA6444FP Datasheet HTML 2Page - Rohm BA6444FP Datasheet HTML 3Page - Rohm BA6444FP Datasheet HTML 4Page - Rohm BA6444FP Datasheet HTML 5Page - Rohm BA6444FP Datasheet HTML 6Page - Rohm BA6444FP Datasheet HTML 7Page - Rohm BA6444FP Datasheet HTML 8Page - Rohm BA6444FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
637
Motor driver ICs
BA6444FP
FInput/output circuits
(1)
I / O circuit interface
Resistances, in
Ω, are typical values. Note that the resistance values can vary "30%.
1) ED / S pin (2 pin)
2) BRK pin (3 pin)
3) Motor output (A1: 5 pin, A2: 6 pin,
A3: 9 pin)
4) EC and ECR pins (10 pin, 11 pin)
5) TL pin (12 pin)
6) Hall signal input pins
(H1): 27 pin, H1*: 26 pin, H2): 25 pin,
H2*: 24 pin, H3): 23 pin, H3): 22 pin)


Numéro de pièce similaire - BA6444FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6402 ROHM-BA6402 Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
BA6402F ROHM-BA6402F Datasheet
46Kb / 3P
   2-phase half-wave motor predriver
BA6404F ROHM-BA6404F Datasheet
38Kb / 3P
   2-phase half-wave motor predriver
BA6406 ROHM-BA6406 Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
BA6406F ROHM-BA6406F Datasheet
62Kb / 5P
   2-phase half-wave motor predriver
More results

Description similaire - BA6444FP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
   3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
   3-phase motor driver
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
   3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
logo
Rohm
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
   3-phase motor driver
BA6870S ROHM-BA6870S Datasheet
135Kb / 7P
   3-phase motor driver
BA6872AFM ROHM-BA6872AFM Datasheet
149Kb / 11P
   3-phase motor driver and reversible motor driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com