Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6287F Fiches technique(PDF) 3 Page - Rohm

No de pièce BA6287F
Description  Reversible motor driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6287F Fiches technique(HTML) 3 Page - Rohm

  BA6287F Datasheet HTML 1Page - Rohm BA6287F Datasheet HTML 2Page - Rohm BA6287F Datasheet HTML 3Page - Rohm BA6287F Datasheet HTML 4Page - Rohm BA6287F Datasheet HTML 5Page - Rohm BA6287F Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
441
Motor driver ICs
BA6287F
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 9V, VM=9V, VREF = 9V)
FCircuit operation
(1)
Input section
The four output modes are controlled by two logic inputs.
Current flows from OUT1 to OUT2 when FIN is HIGH and
RIN is LOW, and from OUT2 to OUT1 when RIN is HIGH
and FIN is LOW (refer to the truth table). The input circuit
can be operated by a logic circuit with a current capacity
of 120
X 170µA.
Input / output truth table
(2)
Output section
Current flows from OUT1 to OUT2 during forward rota-
tion, and from OUT2 to OUT1 during reverse rotation.
The output voltages VOH and VOL are given by :
VOH [V]=VREF
*VCE (sat) (PNP)*VBE (NPN)
VOL [V]=VCE (sat) (NPN)
VCE and VBE are functions of the output current (see elec-
trical characteristic curves). The output current can be
set with the VREF pin.
(3)
Power saving circuit
All circuits are turned OFF when the FIN and RIN input pins
are both put to LOW level. This circuit saves power dur-
ing standby mode by leaving the outputs OPEN.
(4)
Thermal shutdown circuit
When the thermal shutdown circuit is activated at the
chip temperature of about 175
_C (typical), the outputs
are left OPEN. The temperature difference between the
activation and deactivation settings is about 15
_C. When
the thermal shutdown circuit is deactivated, the outputs
revert to the status determined by input mode.
FApplication example


Numéro de pièce similaire - BA6287F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6287F ROHM-BA6287F Datasheet
278Kb / 5P
   Reversible Motor Driver
BA6287F ROHM-BA6287F Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6287F ROHM-BA6287F Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F ROHM-BA6287F Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Description similaire - BA6287F

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com