Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6129 Fiches technique(PDF) 3 Page - Rohm

No de pièce BA6129
Description  Reset IC with battery backup function
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6129 Fiches technique(HTML) 3 Page - Rohm

  BA6129 Datasheet HTML 1Page - Rohm BA6129 Datasheet HTML 2Page - Rohm BA6129 Datasheet HTML 3Page - Rohm BA6129 Datasheet HTML 4Page - Rohm BA6129 Datasheet HTML 5Page - Rohm BA6129 Datasheet HTML 6Page - Rohm BA6129 Datasheet HTML 7Page - Rohm BA6129 Datasheet HTML 8Page - Rohm BA6129 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Memory ICs
BA6129AF / BA6162 / BA6162F
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
ICC
——
2.0
mA
VCC = 5V, VBAT = 3V
VSAT1
0.03
0.05
V
VCC = 5V, VBAT = 3V, IO = – 1mA
VO1
4.95
4.97
VVCC = 5V, VBAT = 3V, IO = – 1mA
VO2
4.70
4.90
VVCC = 5V, VBAT = 3V, IO = – 15mA
VO3
4.50
4.86
VVCC = 5V, VBAT = 3V, IO = – 30mA
VS
3.35
3.50
3.65
V
VCC = H
→L
VSH
100
mV
VCC = L
→H
VRESL
——
0.4
V
VCC = 3V
IRESH
——
0.1
µA
VOPL
0.8
1.2
V
VCC = H
→L, VRES
0.4V
VCSL
——
0.1
V
VCC = 3V, VBAT = 3V, ICS = + 1
µA
VCSH
4.9
——
VVCC = 5V, VBAT = 3V, ICS = – 1
µA
VCSBL
——
0.1
V
VCC = 5V, VBAT = 3V, ICSB = + 1
µA
VCSBH
Vo – 0.1
——
VVCC = 3V, VBAT = 3V, ICSB = – 1
µA
VS
– 0.05
+ 0.05
% /
°C
VB
3.15
3.30
3.45
V
VCC = H
→L, VBAT = 3V, RO = 200kΩ
VBH
100
mV
VCC = L
→H, VBAT = 3V, RO = 200kΩ
VB
– 0.05
+ 0.05
% /
°C
ICCB
——
0.5
µAVCC = GND, VBAT = 3V
VSAT2
0.20
0.30
V
VCC = GND, VBAT = 3V, IO = – 1
µA
VO4
2.70
2.80
VVCC = GND, VBAT = 3V, IO = – 1
µA
VO5
2.60
2.67
VVCC = GND, VBAT = 3V, IO = – 100
µA
IOR
——
0.1
µAVCC = 5V, VBAT = GND
VCC = 5V, VRRES = 7V
(Note) IO, ICS, and ICSB are + when flowing toward the pin and – when flowing away from the pin.
Not designed for radiation resistance.
VO6
VCC – 0.5
——
V
IO = – 80mA
No-load current dissipation
I / O voltage differential 1
Vo output voltage 1
Vo output voltage 2
Vo output voltage 3
Detection voltage
Detection hysteresis voltage
Reset output low level voltage
Reset leakage current
Reset operating limit voltage
CS output low level voltage
CS output high level voltage
CSB output low level voltage
CSB output high level voltage
Detection voltage temperature characteristic
Switching voltage
Switching hysteresis voltage
Switching voltage temperature characteristic
Backup current dissipation
I / O voltage differential 2
Vo output voltage 4
Vo output voltage 5
Vo output voltage 6
Reverse current
Electrical characteristics
BA6129AF (unless otherwise noted, Ta = 25°C, VRRES = VCC = 5V, RRES = 10k
Ω)


Numéro de pièce similaire - BA6129

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA612 ROHM-BA612 Datasheet
53Kb / 4P
   5-channel high current driver
logo
List of Unclassifed Man...
BA6122 ETC2-BA6122 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Rohm
BA6122A ROHM-BA6122A Datasheet
139Kb / 2P
   BA6122A
BA6122AF ROHM-BA6122AF Datasheet
139Kb / 2P
   BA6122A
BA6124 ROHM-BA6124 Datasheet
91Kb / 3P
   LED level meter driver, 5-point, VU scale
More results

Description similaire - BA6129

FabricantNo de pièceFiches techniqueDescription
logo
Mitsumi Electronics, Co...
MM1134 MITSUMI-MM1134 Datasheet
94Kb / 8P
   IC for System Reset (battery backup)
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
logo
New Japan Radio
NJU7286 NJRC-NJU7286 Datasheet
296Kb / 17P
   Battery Backup Switching IC
logo
Seiko Instruments Inc
S8425 SII-S8425 Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
S-8426AAA-J8T1X SII-S-8426AAA-J8T1X Datasheet
1Mb / 37P
   BATTERY BACKUP SWITCHING IC
S-8424AAAFT-TB-X SII-S-8424AAAFT-TB-X Datasheet
2Mb / 46P
   BATTERY BACKUP SWITCHING IC
S-8425AAAFT-TB-X SII-S-8425AAAFT-TB-X Datasheet
2Mb / 45P
   BATTERY BACKUP SWITCHING IC
logo
ABLIC Inc.
S-8424A ABLIC-S-8424A Datasheet
535Kb / 43P
   BATTERY BACKUP SWITCHING IC
Rev.4.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com