Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA10358 Fiches technique(PDF) 3 Page - Rohm

No de pièce BA10358
Description  Dual ground sense operational amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA10358 Fiches technique(HTML) 3 Page - Rohm

  BA10358 Datasheet HTML 1Page - Rohm BA10358 Datasheet HTML 2Page - Rohm BA10358 Datasheet HTML 3Page - Rohm BA10358 Datasheet HTML 4Page - Rohm BA10358 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Standard ICs
BA10358 / BA10358F / BA10358FV / BA10358N
Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = +5 V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VIO
—2
7
mV
RS = 50
5
50
nA
IB
45
250
nA
AV
25
100
VICM
0—
VCC – 1.5
V
VO
0—
VCC – 1.5
V
RL = 2k
CMRR
65
80
dB
PSRR
65
100
dB
RS = 50
IQ
0.7
1.2
mA
CS
120
dB
f = 1 kHz input conversion
source
10
20
mA
sink
10
20
mA
IIO
Isource
Isink
Conditions
V / mV
RL
2k
Ω, VCC = 15V
RL =
∞, on All Op - Amps
VIN+ = 1V, VIN– = 0V, VO = 0V
VIN– = 1V, VIN+ = 0V, VO = VCC
Input offset voltage
Input offset current
Input bias current
High-amplitude voltage gain
Common-mode input voltage
Output voltage
Common-mode rejection ratio
Power supply voltage rejection ratio
Quiescent current
Channel separation
Maximum
output current
Electrical characteristic curves
AMBIENT TEMPERATURE: Ta (
°C)
1200
1000
800
600
400
200
0
0
25
50
75 85 100
125
150
Fig. 1 Power dissipation vs. ambient
temperature
BA10358N
BA10358
BA10358F
BA10358FV
POWER SUPPLY VOLTAGE: V
+ (V)
3
2
1
010
20
30
40
VCC
A
IQ
+
Fig. 2 Quiescent current vs. power
supply voltage
FREQUENCY: f (Hz)
140
120
20
100
80
60
40
0
10
100
1k
1
10k
100k
1M 10M
10M
V0
2
VCC
VIN
0.1
µ
Fig. 3 Open loop voltage gain vs.
frequency
+
FREQUENCY: f (Hz)
20
15
10
0
100
1k
10k
100k
1M
100k
Vo
VIN
2k
+
1k 15V
7V
Fig. 4 Maximum output voltage
vs.frequency
AMBIENT TEMPERATURE: Ta (
°C)
0
– 20
0
20
40
60
80
20
40
60
80
100
Fig. 5 Input bias current vs. ambient
temperature
POWER SUPPLY VOLTAGE: V
+ (V)
0
0
10
20
30
40
25
50
75
100
Fig. 6 Input bias current vs. power
supply voltage


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn