Moteur de recherche de fiches techniques de composants électroniques |
|
TA35-EKCNF160 Fiches technique(PDF) 2 Page - Schurter Inc. |
|
TA35-EKCNF160 Fiches technique(HTML) 2 Page - Schurter Inc. |
2 / 6 page 3 circuit breakers TA35 www.schurter.com/pg17_18_19 Type TA35 Rated current <3 A (TC-1) 1, 2 pole 3 pole Ambient temp. +23 °C Multiple of rated current [ x In ] 1,05 10 8 5 4 3 2 1,35 10'000 60 2`000 1`000 500 200 100 50 20 10 [ sec ] [ min ] 10 5 1 30 20 5 2 1 0,5 0,3 0,2 0,1 Tripping Characteristics TheabovetrippingcharacteristicsapplytosymmetricaloverloadsonallpolesontheTA35only. Atasymmetricoverloadsonmulti-poletypes,thetrippingcharacteristicwillchange. – Ifa2-poletypeTA35isloadedatonepoleonly,thetrippingcurrentwillbeshiftedbyfactor 1.05(TC-2). – Ifa3-poletypeTA35isloadedatonepoleonly,thetrippingcurrentwillbeshiftedbyfactor 1.10(TC-2). Tomeettheabovetrippingcharacteristicatasymmetricoverloadsonmulti-poletypes,thevalueoftheratedcurrentoftheCBEhastobemultiplied bythefactormentionedabove. Effect of ambient temperature Theunitiscalibratedforanambienttemperatureof+23°C.To determinetheratedcurrentforlowerorhigherambienttemperature, useacorrectionfactorfromthetablebelow. Ambient Correctionfactor temperature[°C] 1-pole 2-pole 3-pole –30 0.77 0.76 0.76 –20 0.81 0.81 0.81 0 0.90 0.90 0.90 +23 1.00 1.00 1.00 +40 1.03 1.03 1.06 +50 1.04 1.04 1.10 +60 1.06 1.06 1.14 Example for -pole type: Ratedcurrentat+23°C 5.0A Ambienttemperature +50°C Correctionfactor 1.04 Chosenratedcurrentat+40°C ambienttemperature: 5 A x 1.04 = 5. A Type Rated current >3–20A (TC-1) (3 pole, max. 12A) 1,2,3 pole Ambient temp. +23 ° C Multiple of rated current [ x In ] 1,05 10 8 5 4 3 2 1,35 10'000 60 2`000 1`000 500 200 100 50 20 10 [ sec ] [ min ] 10 5 1 30 20 5 2 1 0,5 0,3 0,2 0,1 TA35 |
Numéro de pièce similaire - TA35-EKCNF160 |
|
Description similaire - TA35-EKCNF160 |