Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA-PLCC44-D-M-T-01 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce CA-PLCC44-D-M-T-01
Description  Carrier Adaptor (CA): 44 position PLCC production socket with test points to mini-grid array interface.
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC44-D-M-T-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC44-D-M-T-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Carrier Adaptor (CA):
44 position PLCC production socket with test points to mini-grid array interface.
0.676"
© 1999 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
1.400"
1.400"
Top View
Side View
0.100" typ.
CA-PLCC44-D-M-T-01 Dwg
Rev:A
Status: Released
File:CA-PLCC44-D-M-T-01 Dwg
Modified:
Scale:
Drawing: W. Watson
Date: 12/22/99
2:1
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
Test points: material- Phosphor Bronze; plating- Sn
over 50µ" Ni. Gold flash on contact end.
5
Socket Contacts: Material- Phosphor Bronze, finish:
150µ" 93/7 SN/PB over 40µ" Ni.
3
5
3


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn