Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA-PLCC32-Z-P-01 Datasheet(Fiches technique) 1 Page - Ironwood Electronics.

Numéro de pièce CA-PLCC32-Z-P-01
Description  PLCC Carier Adaptor 32 position PLCC socket to pluggable PLCC emulator foot. Two piece system with gold contact mini-grid interface.
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CA-PLCC32-Z-P-01 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CA-PLCC32-Z-P-01 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.018"±0.001"dia.typ.
0.050"
0.586"
0.050"
0.457"
0.218"
Top View
1.378"Assembled
0.269"
0.207"
1.000"
0.900"
Date: 9/12/97
CA-PLCC32-Z-P-01 Drawing
Rev: A
Status: Released
File: CA-PLCC032-Z-P-01 Dwg
Modified:
Side View
Scale: 2:1
Drawing: C. Anderson
Description: PLCC Carier Adaptor
32 position PLCC socket to pluggable PLCC emulator foot. Two piece system with gold contact mini-grid interface.
All tolerances: ±0.005" (unless stated otherwise). Materials and specifications are subject to change without notice.
1
2
Substrate: 0.0625"±0.007" FR4/G10 or
equivalent high temp material.
Pins: shell material- Brass; finish- 10µ" gold
over 50µ" nickel (min.).
3
Pins: shell material- Brass; shell finish- 10µ"
Gold over 50µ" Nickel (min.). Contact
material- Beryllium copper; contact finish
10µ" Gold over 100µ" Nickel (min.)
3
2
1
1
© 1997 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Relative Orientaion of top to plug
PLCC
plug
chamfer
PLCC socket chamfer
TOP VIEWS


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn