Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC7568IAPW Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC7568IAPW
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC7568IAPW Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC7568IAPW Datasheet HTML 2Page - Texas Instruments DAC7568IAPW Datasheet HTML 3Page - Texas Instruments DAC7568IAPW Datasheet HTML 4Page - Texas Instruments DAC7568IAPW Datasheet HTML 5Page - Texas Instruments DAC7568IAPW Datasheet HTML 6Page - Texas Instruments DAC7568IAPW Datasheet HTML 7Page - Texas Instruments DAC7568IAPW Datasheet HTML 8Page - Texas Instruments DAC7568IAPW Datasheet HTML 9Page - Texas Instruments DAC7568IAPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
PIN CONFIGURATIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
SCLK
D
IN
GND
V
B
OUT
V
D
OUT
V
F
OUT
V
H
OUT
SYNC
AV
DD
V
A
OUT
V
C
OUT
V
E
OUT
V
G
OUT
V
IN/V
OUT
REF
REF
DAC7568
DAC8168
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCLK
D
IN
GND
V
B
OUT
V
D
OUT
V
F
OUT
V
H
OUT
CLR
LDAC
SYNC
AV
DD
V
A
OUT
V
C
OUT
V
E
OUT
V
G
OUT
V
IN/V
OUT
REF
REF
DAC7568
DAC8168
DAC8568
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
PW PACKAGE
PW PACKAGE
TSSOP-16
TSSOP-14
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
16-PIN
14-PIN
NAME
DESCRIPTION
1
LDAC
Load DACs.
Level-triggered control input (active low). This input is the frame synchronization signal for the input
data. When SYNC goes low, it enables the input shift register, and data are sampled on subsequent
2
1
SYNC
falling clock edges. The DAC output updates following the 32nd clock. If SYNC is taken high before
the 31st clock edge, the rising edge of SYNC acts as an interrupt, and the write sequence is ignored
by the DAC7568/DAC8168/DAC8568. Schmitt-Trigger logic input.
3
2
AVDD
Power-supply input, 2.7V to 5.5V
4
3
VOUTA
Analog output voltage from DAC A
5
4
VOUTC
Analog output voltage from DAC C
6
5
VOUTE
Analog output voltage from DAC E
7
6
VOUTG
Analog output voltage from DAC G
VREFIN/
8
7
Positive reference input / reference output 2.5V if internal reference used.(1)
VREFOUT
9
CLR
Asynchronous clear input.
10
8
VOUTH
Analog output voltage from DAC H
11
9
VOUTF
Analog output voltage from DAC F
12
10
VOUTD
Analog output voltage from DAC D
13
11
VOUTB
Analog output voltage from DAC B
14
12
GND
Ground reference point for all circuitry on the device
Serial data input. Data are clocked into the 32-bit input shift register on each falling edge of the serial
15
13
DIN
clock input. Schmitt-Trigger logic input.
16
14
SCLK
Serial clock input. Data can be transferred at rates up to 50MHz. Schmitt-Trigger logic input.
(1)
Grades A and B, external VREFIN (max) ≤ AVDD; grades C and D, external VREFIN (max) ≤ AVDD/2.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568


Numéro de pièce similaire - DAC7568IAPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7568IAPW TI-DAC7568IAPW Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568IAPW TI-DAC7568IAPW Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568IAPWR TI-DAC7568IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568IAPWR TI-DAC7568IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

Description similaire - DAC7568IAPW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com