Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13146 Fiches technique(PDF) 8 Page - Motorola, Inc

No de pièce MC13146
Description  Low Power Integrated Transmitter for ISM Band Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13146 Fiches technique(HTML) 8 Page - Motorola, Inc

Back Button MC13146 Datasheet HTML 4Page - Motorola, Inc MC13146 Datasheet HTML 5Page - Motorola, Inc MC13146 Datasheet HTML 6Page - Motorola, Inc MC13146 Datasheet HTML 7Page - Motorola, Inc MC13146 Datasheet HTML 8Page - Motorola, Inc MC13146 Datasheet HTML 9Page - Motorola, Inc MC13146 Datasheet HTML 10Page - Motorola, Inc MC13146 Datasheet HTML 11Page - Motorola, Inc MC13146 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MC13146
8
MOTOROLA RF/IF DEVICE DATA
–20
0
–20
19.5
–20
TA, AMBIENT TEMPERATURE (°C)
Figure 6. ICC versus
Temperature
TA, AMBIENT TEMPERATURE (°C)
Figure 7. Output Power versus
Temperature
VCC = 3.6 V
19
18.5
18
17.5
17
16.5
–5.0
10
25
70
85
VCC = 3.6 V
–2.0
–4.0
–6.0
–8.0
–10
–12
–14
–16
–18
–5.0
10
25
70
85
PA Out Power (dBm)
Buf Out Power (dBm)
40
55
40
55
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Numéro de pièce similaire - MC13146

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC13142 MOTOROLA-MC13142 Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13142D MOTOROLA-MC13142D Datasheet
165Kb / 16P
   LOW POWER DC - 1.8 GHz LNA, MIXER and VCO
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13143D MOTOROLA-MC13143D Datasheet
459Kb / 9P
   Ultra Low Power DC-2.4 GHz Linear Mixer
MC13144 MOTOROLA-MC13144 Datasheet
328Kb / 8P
   VHF- 2.0 GHz Low Noise Amplifier with Programmable Bias
More results

Description similaire - MC13146

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SSTX4930 ETC1-SSTX4930 Datasheet
105Kb / 6P
   Low Power ISM-Band FM/FSK Transmitter
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
logo
Microchip Technology
MRF89XAM8A-I MICROCHIP-MRF89XAM8A-I Datasheet
2Mb / 140P
   Ultra Low-Power, Integrated ISM Band Sub-GHz Transceiver
08/02/11
logo
NXP Semiconductors
TCA07F NXP-TCA07F Datasheet
85Kb / 3P
   Integrated Miniaturized Antenna for 433 MHz ISM Band Wireless RF Applications
Ver 3.2 9/13/2000
TCA14A NXP-TCA14A Datasheet
207Kb / 3P
   Integrated Miniaturized Antenna for 838~898 MHz ISM Band Wireless RF Applications
Ver1.1 11/15/2001
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
HOPE Microelectronics C...
RFM68CW HOPE-RFM68CW Datasheet
806Kb / 20P
   Low Cost ISM Transmitter Module
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
logo
HOPE Microelectronics C...
RFM42B HOPE-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com