Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LC03-3.3.TB Datasheet(Fiches technique) 5 Page - Semtech Corporation

Numéro de pièce LC03-3.3.TB
Description  Low Capacitance 3.3 Volt TVS for High Speed Interfaces
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-3.3.TB Datasheet(HTML) 5 Page - Semtech Corporation

  LC03-3.3.TB Datenblatt HTML 1Page - Semtech Corporation LC03-3.3.TB Datenblatt HTML 2Page - Semtech Corporation LC03-3.3.TB Datenblatt HTML 3Page - Semtech Corporation LC03-3.3.TB Datenblatt HTML 4Page - Semtech Corporation LC03-3.3.TB Datasheet HTML 5Page - Semtech Corporation LC03-3.3.TB Datenblatt HTML 6Page - Semtech Corporation LC03-3.3.TB Datenblatt HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LC03-3.3
Applications Information - SPICE Model
LC03-3.3 Spice Model
s
r
e
t
e
m
a
r
a
P
e
c
i
p
S
3
.
3
-
3
0
C
L
r
e
t
e
m
a
r
a
Pt
i
n
U)
S
V
T
(
1
D)
D
R
C
L
(
2
D
S
Ip
m
A0
2
-
E
0
.
13
1
-
E
8
9
.
3
V
Btl
o
V5
.
30
4
2
J
Vtl
o
V8
.
3
14
6
.
0
S
Rm
h
O7
5
2
0
.
08
4
0
.
0
V
B
Ip
m
A3
-
E
13
-
E
1
O
J
Cd
a
r
a
F9
-
e
4
.
32
1
-
E
0
.
8
T
Tc
e
s9
-
E
1
4
5
.
29
-
E
1
4
5
.
2
M--5
4
1
.
02
2
0
.
0
N--1
.
11
.
1
G
EV
e1
1
.
11
1
.
1
0.7 nH
D2
D2
D1
D2
D2


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn