Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4976 Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce 1N4976
Description  Axial Leaded, Hermetically Sealed, 5 WATT Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4976 Fiches technique(HTML) 3 Page - Semtech Corporation

  1N4976 Datasheet HTML 1Page - Semtech Corporation 1N4976 Datasheet HTML 2Page - Semtech Corporation 1N4976 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N4954 THRU 1N4990
r
e
b
m
u
N
t
r
a
P
n
o
i
t
p
i
r
c
s
e
D
4
5
9
4
N
1
U
R
H
T
0
9
9
4
N
1
d
e
l
a
e
s
y
ll
a
c
i
t
e
m
r
e
h
d
e
d
a
e
l
l
a
i
x
A
)
1
(
Note:
(1) Available in bulk or tape and reel packaging. Please
consult factory for quantities.
Ordering Information
Outline Drawing
s
n
o
i
s
n
e
m
i
D
M
I
D
N
s
e
h
c
n
I
s
r
e
t
e
m
i
l
l
i
M
e
t
o
N
N
I
M
X
A
M
N
I
M
X
A
M
A
5
8
0
.
0
4
1
.
6
1
.
2
6
5
.
3
-
B
0
0
.
1
0
3
.
1
4
.
5
2
0
.
3
3
-
C
0
4
1
.
5
8
1
.
6
5
.
3
0
7
.
4
-
D
-
0
3
0
.
-
8
.
0
1
E
6
3
0
.
2
4
0
.
1
9
.
0
7
0
.
1
-
Note:
(1) Lead diameter uncontrolled over this region.
Semtech Corporation
Power Discretes Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
Contact Information


Numéro de pièce similaire - 1N4976

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4976 SEMTECH-1N4976 Datasheet
93Kb / 2P
   5 WATT VOLTAGE REGULATOR
logo
Microsemi Corporation
1N4976 MICROSEMI-1N4976 Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4976 MICROSEMI-1N4976 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
1N4976 MICROSEMI-1N4976 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4976 SENSITRON-1N4976 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results

Description similaire - 1N4976

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4460 SEMTECH-1N4460 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
List of Unclassifed Man...
X150FG ETC1-X150FG Datasheet
56Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED
logo
Semtech Corporation
1N6638 SEMTECH-1N6638 Datasheet
136Kb / 4P
   Axial Leaded Hermetically Sealed Switching Diodes
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A Datasheet
85Kb / 2P
   1.0 Watt Hermetically Sealed Glass Zener Voltage Regulators
logo
Semtech Corporation
PF20 SEMTECH-PF20_07 Datasheet
116Kb / 4P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
2PF140 SEMTECH-2PF140 Datasheet
112Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
PFM50A SEMTECH-PFM50A Datasheet
94Kb / 3P
   Axial Leaded Hermetically Sealed High Voltage Fast Rectifier Diode
logo
New Jersey Semi-Conduct...
F40A NJSEMI-F40A Datasheet
143Kb / 3P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE
F15 NJSEMI-F15 Datasheet
74Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
SFF30 NJSEMI-SFF30 Datasheet
88Kb / 2P
   AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com