Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0001.1023 Fiches technique(PDF) 2 Page - Schurter Inc.

No de pièce 0001.1023
Description  Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0001.1023 Fiches technique(HTML) 2 Page - Schurter Inc.

  0001.1023 Datasheet HTML 1Page - Schurter Inc. 0001.1023 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Non resettable fuses
SP 6.3x32
www.schurter.com/pg0_2
Fuses
Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
.0 In max.
[mV]
Voltage Drop
.0 In typ.
[mV]
Power Dissi-
pation .5 In
typ. [mW]
Melting I²t 0.0
Intyp. [A²s]
Order Number
0.5
250
1)
3000
1000
3000
0.13
0001.1021
0.63
250
1)
2500
2500
3800
0.003
0001.1022
0.8
250
1)
2200
520
1200
0.06
0001.1023
1
250
1)
1900
410
1200
0.4
0001.1024
1.25
250
1)
1600
1600
5400
-
0001.1025
1.6
250
1)
1300
460
2100
1.2
0001.1026
2
250
1)
1000
340
2000
2.4
0001.1027
2.5
250
1)
700
350
2800
4.1
0001.1028
3.15
250
1)
600
270
3000
7.9
0001.1029
4
250
1)
550
270
3500
15
0001.1030
5
250
1)
500
240
3700
32
0001.1031
6.3
250
1)
450
170
4700
38
0001.1032
8
250
1)
400
250
6700
62
0001.1033
10
250
1)
350
150
5200
140
0001.1034
12.5
250
2)
300
150
7600
230
0001.1035
16
250
2)
250
130
8400
455
0001.1036
20
250
2)
250
130
11500
846
0001.1037
1)1500A@250VAC,p.f.=0.7-0.8
2)1000A@250VAC,p.f.=0.7-0.8
Packaging Unit
SmallBoxPack(10pcs.)
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 4 A
_> 5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Numéro de pièce similaire - 0001.1023

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
0001.1001 SCHURTER-0001.1001 Datasheet
338Kb / 2P
   Miniature Fuse, 5 x 20 mm, Quick-Acting F, H, 250 VAC
logo
Cherry Semiconductor Co...
0001.1001.PT CHERRY-0001.1001.PT Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
logo
Cherry Semiconductor Co...
0001.1001.TR CHERRY-0001.1001.TR Datasheet
438Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.1001.TR SCHURTER-0001.1001.TR Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results

Description similaire - 0001.1023

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
SP6.3X32 SCHURTER-SP6.3X32_18 Datasheet
233Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, Sand, 250 VAC
00341736 SCHURTER-00341736 Datasheet
265Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, 250 VAC
00345107 SCHURTER-00345107 Datasheet
274Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32UL SCHURTER-FSF6.3X32UL Datasheet
244Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
FSF6.3X32 SCHURTER-FSF6.3X32_V01 Datasheet
180Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
04.01.2022
FSF6.3X32UL SCHURTER-FSF6.3X32UL_V01 Datasheet
257Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, 250 VAC
29.09.2021
A12BK SCHURTER-A12BK Datasheet
321Kb / 2P
   Miniature Fuse, 6.3 x 32 mm, Quick-Acting F, UL, NNO, 250 VAC
172582 SCHURTER-172582_V02 Datasheet
198Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
A12FA250V SCHURTER-A12FA250V_18 Datasheet
271Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
A12FA250V SCHURTER-A12FA250V_V02 Datasheet
273Kb / 3P
   Miniature Fuse, 6.3 x 32 mm, Super-Quick-Acting FF, 250 VAC
04.01.2022
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com