Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC12053AD Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC12053AD
Description  1.1 GHz Super Low Power Dual Modulus Prescaler With Stand-By Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12053AD Fiches technique(HTML) 2 Page - Motorola, Inc

  MC12053AD Datasheet HTML 1Page - Motorola, Inc MC12053AD Datasheet HTML 2Page - Motorola, Inc MC12053AD Datasheet HTML 3Page - Motorola, Inc MC12053AD Datasheet HTML 4Page - Motorola, Inc MC12053AD Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005
MC12053A
2
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; TA = –40 to 85°C, unless otherwise notex.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave Input)
ft
0.1
1.4
1.1
GHz
Supply Current Output (Pin 2)
VCC = 2.7 V
VCC = 5.0 V
ICC
1.60
1.75
2.5
2.5
mA
Stand–By Current
VCC = 2.7 V
VCC = 5.0 V
ISB
50
100
250
250
µA
Modulus Control & Stand–By Input HIGH (MC & SB)
VIH1
2.0
VCC + 0.5
V
Modulus Control & Stand–By Input LOW (MC & SB)
VIL1
Gnd
0.8
V
Divide Ratio Control Input HIGH (SW)
VIH2
VCC – 0.5
VCC
VCC + 0.5
V
Divide Ratio Control Input LOW (SW)
VIH2
Open
Open
Open
Output Voltage Swing (Note 1)
Vout
0.8
1.1
Vpp
Modulus Setup Time MC to OUT at 1100 MHz
tset
11
16
ns
Input Voltage Sensitivity
250–1100 MHz
100–250 MHz
Vin
100
400
1000
1000
mVpp
NOTE:
Assumes 8.0 pF high impedance load.
Figure 1. Logic Diagram (MC12053A)
A
H
G
F
E
D
In
MC
In
SW
Out
Q
S
Q
C
QB
D
Q
C
QB
D
QB
C
Q
D
C
QB
D
QB
C
Q
D
QB
C
Q
D
B
QB
C
Q
D
C
QB
C
Q
D
M
Figure 2. Modulus Setup Time
Modulus setup time MC to out is the MC
setup or MC release plus the prop delay.
Prop. Delay
In
Out
MC
MC Setup
MC Release
SB
Figure 3. AC Test Circuit
EXTERNAL COMPONENTS
C1 = C2 = 1000 pF
C3 = 0.1
µF
CL = 8.0 pF (Including Scope
and jig capacitance)
CL
MC Input
C2
C1
C3
VCC = 2.7 to 5.5 V
50
Sine Wave Generator
SW
VCC
OUT
GND
MC
IN
IN
SB
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Numéro de pièce similaire - MC12053AD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052AD MOTOROLA-MC12052AD Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
MC12052AD LANSDALE-MC12052AD Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
More results

Description similaire - MC12053AD

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12052 LANSDALE-ML12052_08 Datasheet
106Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
ML12052 LANSDALE-ML12052 Datasheet
292Kb / 5P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12052A MOTOROLA-MC12052A Datasheet
252Kb / 4P
   1.1 GHz Super Low Power Dual Modulus Prescaler
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12058 MOTOROLA-MC12058 Datasheet
260Kb / 6P
   1.1 GHz Low Power Dual Modulus Prescaler
logo
Fujitsu Component Limit...
MB509 FUJITSU-MB509 Datasheet
104Kb / 9P
   TWO MODULUS PRESCALER WITH STAND-BY MODE
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com