Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74VHCV05FK Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC74VHCV05FK
Description  Hex Schmitt Inverter (open drain)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCV05FK Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC74VHCV05FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCV05FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TC74VHCV05FT/FK
2010-07-09
2
Pin Assignment
Truth Table
A
Y
L
Z
H
L
System Diagram (per gate)
VCC
9
6A
6Y
5A
8
14
13
12
11
10
1A
1
2
3
4
5
6
7
2Y
3A
3Y
GND
5Y
4A
4Y
(top view)
1Y
2A
A
Y


Numéro de pièce similaire - TC74VHCV05FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
TC74VHCV07FT TOSHIBA-TC74VHCV07FT Datasheet
185Kb / 8P
   Hex Schmitt Buffer (open drain)
More results

Description similaire - TC74VHCV05FK

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
   Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05 Datasheet
53Kb / 7P
   HEX INVERTER OPEN DRAIN
June 1999
M54HC05 STMICROELECTRONICS-M54HC05 Datasheet
227Kb / 9P
   HEX INVERTER OPEN DRAIN
February 1993
logo
ON Semiconductor
MM74HCT05 ONSEMI-MM74HCT05 Datasheet
334Kb / 9P
   Hex Inverter (Open Drain)
March 2008 Rev. 1.5.0
logo
Toshiba Semiconductor
TC74AC05F TOSHIBA-TC74AC05F_12 Datasheet
245Kb / 7P
   Hex Inverter (open drain)
TC74VHC05F TOSHIBA-TC74VHC05F Datasheet
209Kb / 5P
   HEX INVERTER (OPEN DRAIN)
logo
STMicroelectronics
74VHC05 STMICROELECTRONICS-74VHC05_04 Datasheet
224Kb / 11P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05_05 Datasheet
84Kb / 7P
   Hex Inverter (Open Drain)
logo
STMicroelectronics
74VHCT05A STMICROELECTRONICS-74VHCT05A Datasheet
148Kb / 8P
   HEX INVERTER (OPEN DRAIN)
logo
Fairchild Semiconductor
MM74HCT05 FAIRCHILD-MM74HCT05 Datasheet
80Kb / 6P
   Hex Inverter (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com