Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61031PWPRG4 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61031PWPRG4
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61031PWPRG4 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61031PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS61031PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 2.4 V
VBAT = 1.8 V
VO = 3.3 V
IO - Output Current - mA
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
IO - Output Current - mA
VO = 2.5 V
VI = 1.8 V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
VBAT = 3.3 V
VBAT = 2.4 V
VO = 5 V
IO - Output Current - mA
50
80
90
100
VI - Input Voltage - V
IO = 10 mA
IO = 100 mA
1.8
2
2.6
2.8
3
2.2
2.4
3.2
60
IO = 1000 mA
70
TPS61030
TPS61031, TPS61032
SLUS534D – SEPTEMBER 2002 – REVISED APRIL 2004
TYPICAL CHARACTERISTICS (continued)
TPS61030
TPS61031
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
TPS61032
TPS61031
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 5.
Figure 6.
7


Numéro de pièce similaire - TPS61031PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61031PWPRG4 TI1-TPS61031PWPRG4 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Description similaire - TPS61031PWPRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com