Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS63011YFFR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS63011YFFR
Description  HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS63011YFFR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS63011YFFR Datasheet HTML 4Page - Texas Instruments TPS63011YFFR Datasheet HTML 5Page - Texas Instruments TPS63011YFFR Datasheet HTML 6Page - Texas Instruments TPS63011YFFR Datasheet HTML 7Page - Texas Instruments TPS63011YFFR Datasheet HTML 8Page - Texas Instruments TPS63011YFFR Datasheet HTML 9Page - Texas Instruments TPS63011YFFR Datasheet HTML 10Page - Texas Instruments TPS63011YFFR Datasheet HTML 11Page - Texas Instruments TPS63011YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
0
10
20
30
40
50
60
70
80
90
100
IO − Output Current − mA
0.1
1
10
10k
100
1k
Power-Save Mode Disabled
VI = 3.6 V, VO = 2.5 V
G005
VI = 2.4 V, VO = 2.5 V
VI = 3.6 V,
VO = 4.5 V
VI = 2.4 V,
VO = 4.5 V
0
10
20
30
40
50
60
70
80
90
100
IO − Output Current − mA
0.1
1
10
10k
100
1k
Power-Save Mode Enabled
G006
VI = 2.4 V, VO = 3.3 V
VI = 2.4 V, VO = 2.8 V
VI = 3.6 V, VO = 2.8 V
VI = 3.6 V, VO = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
IO − Output Current − mA
0.1
1
10
10k
100
1k
Power-Save Mode Disabled
G007
VI = 2.4 V, VO = 3.3 V
VI = 3.6 V, VO = 2.8 V
VI = 2.4 V, VO = 2.8 V
VI = 3.6 V, VO = 3.3 V
0
10
20
30
40
50
60
70
80
90
100
IO − Output Current − mA
0.1
1
10
10k
100
1k
Power-Save Mode Enabled
G008
VI = 2.4 V, VO = 3.4 V
VI = 2.4 V, VO = 2.9 V
VI = 3.6 V, VO = 2.9 V
VI = 3.6 V, VO = 3.4 V
TPS63010
TPS63011
TPS63012
SLVS653A – JUNE 2008 – REVISED AUGUST 2009 ........................................................................................................................................................ www.ti.com
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
(TPS63010)
(TPS63011)
Figure 5.
Figure 6.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
(TPS63011)
(TPS63012)
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS63010 TPS63011 TPS63012


Numéro de pièce similaire - TPS63011YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63011YFFR TI-TPS63011YFFR Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63011YFFR TI-TPS63011YFFR Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63011YFFR TI1-TPS63011YFFR Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63011YFFR TI1-TPS63011YFFR Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
More results

Description similaire - TPS63011YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63000 TI-TPS63000_08 Datasheet
756Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_10 Datasheet
673Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000 Datasheet
272Kb / 14P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI1-TPS63000_12 Datasheet
794Kb / 24P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCHES
TPS63000 TI-TPS63000_15 Datasheet
1,016Kb / 25P
[Old version datasheet]   TPS6300x High-Efficient Single Inductor Buck-Boost Converter With 1.8-A Switches
TPS63030 TI-TPS63030_09 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1-A SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com