Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLNP-6148-01C5 Fiches technique(PDF) 1 Page - Schurter Inc.

No de pièce DLNP-6148-01C5
Description  Linear Choke, compact
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHURTER [Schurter Inc.]
Site Internet  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DLNP-6148-01C5 Fiches technique(HTML) 1 Page - Schurter Inc.

  DLNP-6148-01C5 Datasheet HTML 1Page - Schurter Inc. DLNP-6148-01C5 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Suppression Chokes
DLNP
www.schurter.com/pg8_82
EMC Products
Linear Choke, compact
Description
-Linearchoke
-THT-terminals
-Inductorverticallypositionedinhousing
-SMDversiononrequest
Standards
-EN60938
Applications
-SmoothingRFIsuppressionchoke
-RFIsuppressionchoke
-Chopperamplifiers
-DCdrivesandsteppermotorcontrols
-Switchingpowersupplies
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
Ratedvoltage
upto600VDC
RatedCurrent
0.6-1A@Ta70°C
Ratedinductance
0.05-0.1mH,Tol.±15%
PowerOperatingFrequency
50-400Hz
Terminaltechnic
THT
Weight
1g
Material:Housing
UL94V-0
SealingCompound
UL94V-0
IsolationVoltage
2kVeff.,windingtoambient
ClimaticCategory
40/125/21acc.toIEC60068-1
AllowableOperationTemp.
-40°Cto125°C
Dimensions
Case 48-1
10.5 max.
2
5 ±0.2
3.5
0
-0.5
8.2 max.
2
4
3
1
6.25±0.2
Diagrams
Application in DC-DC Converter
1)
2)
DLH/DLN/DLO
DS/DSO
DLH/DLN/DLO
1) DC-Input unregulated
2) DC-Output regulated


Numéro de pièce similaire - DLNP-6148-01C5

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
DLNP-6148-01C5 SCHURTER-DLNP-6148-01C5 Datasheet
208Kb / 2P
   Linear Choke, compact
More results

Description similaire - DLNP-6148-01C5

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
DLNP SCHURTER-DLNP_17 Datasheet
208Kb / 2P
   Linear Choke, compact
DLNP SCHURTER-DLNP_V01 Datasheet
246Kb / 3P
   Linear Choke, compact
DSHP SCHURTER-DSHP_17 Datasheet
203Kb / 2P
   Storage Choke, compact
DSHP SCHURTER-DSHP_V01 Datasheet
214Kb / 2P
   Storage Choke, compact
14.09.2021
DSHP SCHURTER-DSHP Datasheet
363Kb / 2P
   Storage Choke, compact
DLFL SCHURTER-DLFL_17 Datasheet
252Kb / 3P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL Datasheet
420Kb / 2P
   Linear/Saturating Choke
DLFL SCHURTER-DLFL_V01 Datasheet
264Kb / 3P
   Linear/Saturating Choke
DLFP SCHURTER-DLFP_V01 Datasheet
295Kb / 3P
   Linear/Saturating Choke
14.09.2021
DLFP SCHURTER-DLFP Datasheet
499Kb / 3P
   Linear/Saturating Choke
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com