Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM34919 Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM34919
Description  Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34919 Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  LM34919_08 Datasheet HTML 1Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 2Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 3Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 4Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 5Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 6Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 7Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 8Page - National Semiconductor (TI) LM34919_08 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to RTN
44V
BST to RTN
52V
SW to RTN (Steady State)
-1.5V
ESD Rating (Note 2)
Human Body Model
2kV
BST to VCC
44V
VIN to SW
44V
BST to SW
14V
VCC to RTN
14V
SGND to RTN
-0.3V to +0.3V
SS to RTN
-0.3V to 4V
All Other Inputs to RTN
-0.3 to 7V
Storage Temperature Range
-65°C to +150°C
JunctionTemperature
150°C
Operating Ratings (Note 1)
VIN
8.0V to 40V
Junction Temperature
−40°C to + 125°C
Electrical Characteristics Specifications with standard type are for T
J = 25°C only; limits in boldface type apply
over the full Operating Junction Temperature (T
J) range. Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: V
IN = 12V, RON = 200kΩ. See (Note 5).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Start-Up Regulator, V
CC
V
CCReg
V
CC regulated output
6.6
7
7.4
V
V
IN-VCC dropout voltage
I
CC = 0 mA,
V
CC = UVLOVCC + 250 mV
1.2
V
V
CC output impedance
0 mA
I
CC 5 mA, VIN = 8V
175
V
CC current limit (Note 3)
V
CC = 0V
9.5
mA
UVLO
VCC
V
CC under-voltage lockout threshold
V
CC increasing
5.7
V
UVLO
VCC hysteresis
V
CC decreasing
150
mV
UVLO
VCC filter delay
100 mV overdrive
3
µs
I
Q
I
IN operating current
Non-switching, FB = 3V, SW = Open
0.5
0.8
mA
I
SD
I
IN shutdown current
RON/SD = 0V, SW = Open
75
150
µA
Switch Characteristics
Rds(on)
Buck Switch Rds(on)
I
TEST = 200 mA
0.5
1.0
UVLO
GD
Gate Drive UVLO
V
BST - VSW Increasing
3.0
4.4
5.2
V
UVLO
GD hysteresis
480
mV
Softstart Pin
V
SS
Pull-up voltage
2.5
V
Internal current source
V
SS = 1V
10.5
µA
Current Limit
I
LIM
Threshold
Current out of ISEN
0.52
0.64
0.76
A
Resistance from ISEN to SGND
140
m
Response time
150
ns
On Timer
t
ON - 1
On-time
V
IN = 10V, RON = 200 kΩ
2.1
2.77
3.5
µs
t
ON - 2
On-time
V
IN = 40V, RON = 200 kΩ
700
ns
Shutdown threshold
Voltage at RON/SD rising
0.45
0.8
1.2
V
Threshold hysteresis
Voltage at RON/SD
25
mV
Off Timer
t
OFF
Minimum Off-time
155
ns
Regulation and Over-Voltage Comparators (FB Pin)
V
REF
FB regulation threshold
SS pin = steady state
2.440
2.5
2.550
V
FB over-voltage threshold
2.9
V
FB bias current
FB = 3V
1
nA
www.national.com
4


Numéro de pièce similaire - LM34919_08

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919B NSC-LM34919B Datasheet
647Kb / 12P
   Evaluation Board provides the design engineer with a fully functional
logo
Texas Instruments
LM34919B TI-LM34919B Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B-Q1 TI-LM34919B-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919BQTL NSC-LM34919BQTL Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results

Description similaire - LM34919_08

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com