Moteur de recherche de fiches techniques de composants électroniques |
|
LM34919 Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
LM34919 Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
3 / 18 page Pin Descriptions Pin Number Name Description Application Information A1 RON/SD On-time control and shutdown An external resistor from VIN to this pin sets the buck switch on-time. Grounding this pin shuts down the regulator. A2 RTN Circuit Ground Ground for all internal circuitry other than the current limit detection. A3 FB Feedback input from the regulated output Internally connected to the regulation and over-voltage comparators. The regulation level is 2.5V. B1 SGND Sense Ground Re-circulating current flows into this pin to the current sense resistor. B3 SS Softstart An internal current source charges an external capacitor to 2.5V, providing the softstart function. C1 ISEN Current sense The re-circulating current flows through the internal sense resistor, and out of this pin to the free-wheeling diode. Current limit is nominally set at 0.64A. C3 VCC Output from the startup regulator Nominally regulates at 7.0V. An external voltage (7V-14V) can be applied to this pin to reduce internal dissipation. An internal diode connects VCC to VIN. D1 VIN Input supply voltage Nominal input range is 8.0V to 40V. D2 SW Switching Node Internally connected to the buck switch source. Connect to the inductor, free-wheeling diode, and bootstrap capacitor. D3 BST Boost pin for bootstrap capacitor Connect a 0.022 µF capacitor from SW to this pin. The capacitor is charged from V CC via an internal diode during each off-time. 3 www.national.com |
Numéro de pièce similaire - LM34919_08 |
|
Description similaire - LM34919_08 |