Moteur de recherche de fiches techniques de composants électroniques |
|
SS14T3 Fiches technique(PDF) 3 Page - ON Semiconductor |
|
SS14T3 Fiches technique(HTML) 3 Page - ON Semiconductor |
3 / 6 page NSS12601CF8T1G http://onsemi.com 3 Figure 1. Collector Emitter Saturation Voltage vs. Collector Current Figure 2. Collector Emitter Saturation Voltage vs. Collector Current IC, COLLECTOR CURRENT (A) IC, COLLECTOR CURRENT (A) 10 1 0.1 0.01 0.001 0 0.05 0.10 0.15 0.20 0.25 10 1 0.1 0.01 0.001 0 0.05 0.10 0.15 0.25 0.30 Figure 3. DC Current Gain vs. Collector Current Figure 4. Base Emitter Saturation Voltage vs. Collector Current IC, COLLECTOR CURRENT (A) IC, COLLECTOR CURRENT (A) 10 1 0.1 0.01 0.001 150 200 250 350 450 500 600 650 10 1 0.1 0.01 0.001 0.3 0.4 0.5 0.6 1.0 1.1 1.2 1.3 Figure 5. Base Emitter Turn-On Voltage vs. Collector Current Figure 6. Saturation Region IC, COLLECTOR CURRENT (A) IB, BASE CURRENT (mA) 10 1 0.1 0.01 0.001 0.1 0.2 0.3 0.4 0.7 0.8 0.9 1.1 100 10 1 0.1 0.01 0 0.2 0.4 0.6 0.8 1.0 IC/IB = 10 150 °C 25 °C -55 °C IC/IB = 100 150 °C 25 °C -55 °C 0.20 300 400 550 150 °C (5.0 V) 150 °C (2.0 V) -55 °C (5.0 V) -55 °C (2.0 V) 25 °C (5.0 V) 25 °C (2.0 V) 0.7 0.8 0.9 IC/IB = 10 150 °C 25 °C -55 °C 0.5 0.6 1.0 VCE = 2.0 V 150 °C 25 °C -55 °C IC = 500 mA 100 mA 300 mA 10 mA |
Numéro de pièce similaire - SS14T3 |
|
Description similaire - SS14T3 |