Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A4741 Fiches technique(PDF) 4 Page - Texas Instruments |
|
TS3A4741 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 17 page www.ti.com ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (1) (2) TS3A4741,, TS3A4742 0.9- Ω LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES SCDS228D – AUGUST 2006 – REVISED JANUARY 2008 V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C, VIH = 1 V, VIL = 0.4 V (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA MIN TYP(3) MAX UNIT Analog Switch Analog signal range VCOM, VNO 0 V+ V 25 °C 1 1.5 V+ = 1.8 V, ICOM = –10 mA, ON-state resistance ron Ω VNO = 0.9 V Full 2 25 °C 0.09 0.15 ON-state resistance match V+ = 1.8 V, ICOM = –10 mA, Δron Ω between channels(4) VNO = 0.9 V Full 0.25 25 °C 0.7 0.9 ON-state resistance V+ = 1.8 V, ICOM = –10 mA, ron(flat) Ω flatness(5) 0 ≤ VNO ≤ V+ Full 1.5 25 °C –1 0.5 1 NO V+ = 1.95 V, VCOM = 0.15 V, 1.65 V, INO(OFF) nA OFF leakage current(6) VNO = 1.8 V, 0.15 V Full –10 10 25 °C –1 0.5 1 COM V+ = 1.95 V, VCOM = 0.15 V, 1.65 V, ICOM(OFF) nA OFF leakage current(6) VNO = 1.8 V, 0.15 V Full –10 10 25 °C –1 0.01 1 COM V+ = 1.95 V, VCOM = 0.15 V, 1.65 V, ICOM(ON) nA ON leakage current(6) VNO = 0.15 V, 1.65 V, or floating Full –3 3 Dynamic 25 °C 6 18 VNO = 1.5 V, RL = 50 Ω, Turn-on time tON ns CL = 35 pF, See Figure 14 Full 20 25 °C 5 10 VNO = 1.5 V, RL = 50 Ω, Turn-off time tOFF ns CL = 35 pF, See Figure 14 Full 12 VGEN = 0, RGEN = 0, CL = 1 nF, Charge injection QC 25 °C 3.2 pC See Figure 15 NO OFF capacitance CNO(OFF) f = 1 MHz, See Figure 16 25 °C 23 pF COM OFF capacitance CCOM(OFF) f = 1 MHz, See Figure 16 25 °C 20 pF COM ON capacitance CCOM(ON) f = 1 MHz, See Figure 16 25 °C 43 pF Bandwidth BW RL = 50 Ω, Switch ON 25 °C 123 MHz f = 10 MHz –61 RL = 50 Ω, CL = 5 pF, OFF isolation(7) OISO 25 °C dB See Figure 17 f = 100 MHz –36 f = 10 MHz –95 RL = 50 Ω, CL = 5 pF, Crosstalk XTALK 25 °C dB See Figure 17 f = 100 MHz –73 RL = 32 Ω 0.14 f = 20 Hz to 20 kHz, VCOM Total harmonic distortion THD 25 °C % = 2 VP-P RL = 600 Ω 0.013 Digital Control Inputs (IN1, IN2) Input logic high VIH Full 1 V Input logic low VIL Full 0.4 V 25 °C 0.1 5 Input leakage current IIN VI = 0 or V+ nA Full –10 10 Supply Power-supply range V+ 1.65 1.95 V 25 °C 0.05 Positive-supply current I+ VI = 0 or V+ µA Full 0.5 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) Parts are tested at 85 °C and specified by design and correlation over the full temperature range. (3) Typical values are at TA = 25°C. (4) Δron = ron(max) – ron(min) (5) Flatness is defined as the difference between the maximum and minimum value of ron as measured over the specified analog signal ranges. (6) Leakage parameters are 100% tested at the maximum-rated hot operating temperature and specified by correlation at TA = 25°C. (7) OFF isolation = 20log10 (VCOM/VNO), VCOM = output, VNO = input to OFF switch 4 Submit Documentation Feedback Copyright © 2006–2008, Texas Instruments Incorporated Product Folder Link(s): TS3A4741 TS3A4742 |
Numéro de pièce similaire - TS3A4741_09 |
|
Description similaire - TS3A4741_09 |