Moteur de recherche de fiches techniques de composants électroniques |
|
TL594CPWR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TL594CPWR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page www.ti.com Test Inputs DTC FEEDBACK RT CT GND 50 kW 12 kW 0.01 µF VCC REF OUTPUT CTRL E2 C2 E1 C1 Output 1 Output 2 150 W 2 W 150 W 2 W VCC = 15 V TEST CIRCUIT IN+ IN- IN+ IN- VCC VCC 0 V 0 V Voltage at C1 Voltage at C2 Voltage at CT DTC Input Feedback Input 0 V 0.7 V 0% MAX 0% Threshold Voltage Threshold Voltage VOLTAGE WAVEFORMS Duty Cycle TL594 12 4 3 6 5 1 2 16 15 13 7 14 10 11 9 8 Error Amplifiers TL594 PULSE-WIDTH-MODULATION CONTROL CIRCUIT SLVS052G – APRIL 1988 – REVISED JANUARY 2007 PARAMETER MEASUREMENT INFORMATION (continued) Figure 2. Operational Test Circuit and Waveforms 6 Submit Documentation Feedback |
Numéro de pièce similaire - TL594CPWR |
|
Description similaire - TL594CPWR |