Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G06DBVRG4 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
SN74AUP1G06DBVRG4 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 21 page V M FromOutput UnderTest C (seeNote A) L LOADCIRCUIT 1M W VOLTAGEWAVEFORMS PROPAGATIONDELAY TIMES INVERTING ANDNONINVERTINGOUTPUTS t PLH t PHL t PHL t PLH V OH V OH V OL V OL V I 0V Input Output Output NOTES: A .C includesprobeandjigcapacitance. L B. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR 10MHz,Z =50 ,t /t =3ns. £ W O r f C. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement. D.t andt arethesameast . PLH PHL pd E. Allparametersandwaveformsarenotapplicabletoalldevices. V M V M V M V M V M 5,10,15,30pF V /2 CC V CC V =1.2V 0.1V CC ± V =0.8V CC V =1.5V 0.1V CC ± V =1.8V 0.15V CC ± V =2.5V 0.2V CC ± V =3.3V 0.3V CC ± 5,10,15,30pF V /2 CC V CC 5,10,15,30pF V /2 CC V CC 5,10,15,30pF V /2 CC V CC C L V M V I 5,10,15,30pF V /2 CC V CC 5,10,15,30pF V /2 CC V CC t h t su DataInput TimingInput V CC 0V V CC 0V 0V t w Input VOLTAGEWAVEFORMS SETUP ANDHOLDTIMES VOLTAGEWAVEFORMS PULSEDURATION V /2 CC V /2 CC V /2 CC V /2 CC V CC V /2 CC SN74AUP1G06 www.ti.com SCES590D – JULY 2004 – REVISED MAY 2010 PARAMETER MEASUREMENT INFORMATION (Propagation Delays, Setup and Hold Times, and Pulse Width) Figure 3. Load Circuit and Voltage Waveforms Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): SN74AUP1G06 |
Numéro de pièce similaire - SN74AUP1G06DBVRG4 |
|
Description similaire - SN74AUP1G06DBVRG4 |