Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE937 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce CDCE937
Description  Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CDCE937 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CDCE937_10 Datasheet HTML 7Page - Texas Instruments CDCE937_10 Datasheet HTML 8Page - Texas Instruments CDCE937_10 Datasheet HTML 9Page - Texas Instruments CDCE937_10 Datasheet HTML 10Page - Texas Instruments CDCE937_10 Datasheet HTML 11Page - Texas Instruments CDCE937_10 Datasheet HTML 12Page - Texas Instruments CDCE937_10 Datasheet HTML 13Page - Texas Instruments CDCE937_10 Datasheet HTML 14Page - Texas Instruments CDCE937_10 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
EEPROM
Xin
Xout
VDD
GND
Vddout
X-tal
Y2=27MHz
Y1=27MHz
Y3=27MHz
LV
CMOS
Pdiv1 =1
Y4=27MHz
Y5=27MHz
Y6=27MHz
Y7=27MHz
LV
CMOS
Pdiv7=1
Pdiv6=1
LV
CMOS
LV
CMOS
Pdiv5=1
Pdiv4=1
LV
CMOS
LV
CMOS
Pdiv3=1
Pdiv2=1
LV
CMOS
Programming
and
SDA/SCA
Register
InputClock
PLL Bypass
PLL1
powerdown
PLL Bypass
PLL 2
powerdown
PLL Bypass
PLL3
powerdown
S0
SDA
SCL
27 MHz
Crystal
ProgrammingBus
“1” = outputsenabled
“0” =outputs3-State
CDCE937
CDCEL937
www.ti.com
SLAS564F – AUGUST 2007 – REVISED MARCH 2010
S1/SDA and S2/SCL pins of the CDCE937/CDCEL937 are dual function pins. In default configuration they are
defined as SDA/SCL for the serial interface. They can be programmed as control-pins (S1/S2) by setting the
relevant bits in the EEPROM. Note that the changes to the Control register (Bit [6] of Byte [02]) have no effect
until they are written into the EEPROM.
Once they are set as control pins, the serial programming interface is no longer available. However, if VDDOUT is
forced to GND, the two control-pins, S1 and S2, temporally act as serial programming pins (SDA/SCL).
S0 is not a multi-use pin, it is a control pin only.
DEFAULT DEVICE SETTING
The internal EEPROM of CDCE937/CDCEL937 is preconfigured as shown in Figure 6. (The input frequency is
passed through to the output as a default). This allows the device to operate in default mode without the extra
production step of program it. The default setting appears after power is supplied or after power-down/up
sequence until it is re-programmed by the user to a different application configuration. A new register setting is
programmed via the serial SDA/SCL Interface.
Figure 6. Default Device Setting
Table 4 shows the factory default setting for the Control Terminal Register (external control pins). In normal
operation, all 8 register settings are available, but in the default configuration only the first two settings (0 and 1)
can be selected with S0, as S1 and S2 configured as programming pins in default mode.
Table 4. Factory Default Setting for Control Terminal Register(1)
Y1
PLL1 Settings
PLL2 Settings
PLL3 Settings
Frequenc
Frequenc
Output
Frequency
SSC
Output
SSC
Output
SSC
Output
External Control Pins
y
y
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
Selection
S2
S1
S0
Y1
FS1
SSC1
Y2Y3
FS2
SSC2
Y4Y5
FS3
SSC3
Y6Y7
SCL (I2C)
SDA (I2C)
0
3-state
fVCO1_0
off
3-state
fVCO2_0
off
3-state
fVCO1_0
off
3-state
SCL (I2C)
SDA (I2C)
1
enabled
fVCO1_0
off
enabled
fVCO2_0
off
enabled
fVCO1_0
off
enabled
(1)
In default mode or when programmed respectively, S1 and S2 act as serial programming interface, SDA/SCL. They do not have any
control-pin function but they are internally interpreted as if S1=0 and S2=0. S0, however, is a control-pin which in the default mode
switches all outputs ON or OFF (as previously predefined).
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCE937 CDCEL937


Numéro de pièce similaire - CDCE937_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE937 TI1-CDCE937_17 Datasheet
1Mb / 39P
[Old version datasheet]   Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
More results

Description similaire - CDCE937_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE925 TI-CDCE925 Datasheet
485Kb / 27P
[Old version datasheet]   PROGRAMMABLE 2-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V and 3.3-V LVCMOS OUTPUTS
CDCE949-Q1 TI1-CDCE949-Q1 Datasheet
717Kb / 32P
[Old version datasheet]   PROGRAMMABLE 4-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-,V and 3.3-V LVCMOS OUTPUTS
CDCE913 TI-CDCE913_1 Datasheet
515Kb / 23P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI1-CDCE913_12 Datasheet
681Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCEL913-Q1 TI1-CDCEL913-Q1 Datasheet
662Kb / 26P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE913 TI-CDCE913_10 Datasheet
460Kb / 25P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE813-Q1_1904 TI1-CDCE813-Q1_1904 Datasheet
1Mb / 34P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cle With 2.5-V and 3.3-V Outputs
CDCE813-Q1 TI1-CDCE813-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable 1-PLL Clock Synthesizer and Jitter Cleaner With 2.5-V and 3.3-V Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com