Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A23166 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TS5A23166
Description  0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166 Fiches technique(HTML) 3 Page - Texas Instruments

  TS5A23166_10 Datasheet HTML 1Page - Texas Instruments TS5A23166_10 Datasheet HTML 2Page - Texas Instruments TS5A23166_10 Datasheet HTML 3Page - Texas Instruments TS5A23166_10 Datasheet HTML 4Page - Texas Instruments TS5A23166_10 Datasheet HTML 5Page - Texas Instruments TS5A23166_10 Datasheet HTML 6Page - Texas Instruments TS5A23166_10 Datasheet HTML 7Page - Texas Instruments TS5A23166_10 Datasheet HTML 8Page - Texas Instruments TS5A23166_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TS5A23166
www.ti.com
SCDS196E – MAY 2005 – REVISED MARCH 2010.
Electrical Characteristics for 5-V Supply
(1)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNO
25°C
0.9
1.1
0
≤ VNO ≤ V+,
Switch ON,
Peak ON resistance
rpeak
4.5 V
Ω
ICOM = –100 mA,
See Figure 12
Full
1.2
25°C
0.75
0.9
VNO = 2.5 V,
Switch ON,
ON-state resistance
ron
4.5 V
Ω
ICOM = –100 mA,
See Figure 12
Full
1
ON-state resistance
25°C
0.04
0.1
VNO = 2.5 V,
Switch ON,
match between
Δron
4.5 V
Ω
ICOM = –100 mA,
See Figure 12
Full
0.1
channels
0
≤ VNO ≤ V+,
Switch ON,
25°C
0.2
ICOM = –100 mA,
See Figure 12
ON-state resistance
ron(flat)
4.5 V
Ω
flatness
25°C
0.15
0.25
VNO = 1 V, 1.5 V, 2.5 V,
Switch ON,
ICOM = –100 mA,
See Figure 12
Full
0.25
VNO = 1 V,
25°C
0 V
4
20
VCOM = 4.5 V,
Switch OFF,
INO(OFF)
or
5.5 V
nA
See Figure 13
Full
–150
150
NO
VNO = 4.5 V,
OFF leakage current
VCOM = 1 V,
25°C
–10
0.2
10
VNO = 0 to 5.5 V,
Switch OFF,
INO(PWROFF)
0 V
mA
VCOM = 5.5 V to 0,
See Figure 13
Full
–50
50
VCOM = 1 V,
25°C
0 V
4
20
VNO = 4.5 V,
Switch OFF,
ICOM(OFF)
or
5.5 V
nA
See Figure 13
Full
–150
150
COM
VCOM = 4.5 V,
OFF leakage current
VNO = 1 V,
25°C
–10
0.2
10
VCOM = 0 to 5.5 V,
Switch OFF,
ICOM(PWROFF)
0 V
mA
VNO = 5.5 V to 0,
See Figure 13
Full
–50
50
VNO = 1 V,
25°C
–5
0.4
5
VCOM = Open,
NO
Switch ON,
INO(ON)
or
5.5 V
nA
ON leakage current
See Figure 14
Full
–50
50
VNO = 4.5 V,
VCOM = Open,
VCOM = 1 V,
25°C
–5
0.4
5
VNO = Open,
COM
Switch ON,
ICOM(ON)
or
5.5 V
nA
ON leakage current
See Figure 14
Full
–50
50
VCOM = 4.5 V,
VNO = Open,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
2.4
5.5
V
Input logic low
VIL
Full
0
0.8
V
25°C
–2
0.3
2
Input leakage current
IIH, IIL
VI = 5.5 V or 0
5.5 V
nA
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2005–2010., Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TS5A23166


Numéro de pièce similaire - TS5A23166_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
More results

Description similaire - TS5A23166_10

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3154 TI1-TS5A3154_14 Datasheet
963Kb / 29P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_15 Datasheet
913Kb / 28P
[Old version datasheet]   0.9-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com