Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A9411 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A9411
Description  10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A9411 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS5A9411 Datasheet HTML 4Page - Texas Instruments TS5A9411 Datasheet HTML 5Page - Texas Instruments TS5A9411 Datasheet HTML 6Page - Texas Instruments TS5A9411 Datasheet HTML 7Page - Texas Instruments TS5A9411 Datasheet HTML 8Page - Texas Instruments TS5A9411 Datasheet HTML 9Page - Texas Instruments TS5A9411 Datasheet HTML 10Page - Texas Instruments TS5A9411 Datasheet HTML 11Page - Texas Instruments TS5A9411 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TS5A9411
SCDS241A – MAY 2008 – REVISED JULY 2008 ............................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued)
V+ = 2.25 V to 2.75, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Dynamic
25°C
2.5 V
18
VCOM = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
2.25 V to
RL = 300 Ω,
See Figure 10
Full
20
2.75 V
25°C
2.5 V
8
VCOM = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
2.25 V to
RL = 300 Ω,
See Figure 10
Full
9.5
2.75 V
25°C
1
Break-before-
VNC = VNO = 2 V,
CL = 35 pF,
tBBM
2.5 V
ns
make time
RL = 300 Ω,
See Figure 11
Full
0.9
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
4.5
pC
RGEN = 0,
See Figure 15
NC, NO
CNC(OFF),
VNC or VNO = V+ or GND,
Switch OFF,
OFF
25°C
2.5 V
3.5
pF
CNO(OFF)
f = 1 MHz,
See Figure 9
capacitance
NC, NO
CNC(ON),
VNC or VNO = V+ or GND,
Switch OFF,
25°C
2.5 V
8.5
pF
ON capacitance
CNO(ON)
f = 1 MHz,
See Figure 9
COM
VCOM = V+ or GND,
Switch OFF,
CCOM(ON)
25°C
2.5 V
8.5
pF
ON capacitance
f = 1 MHz,
See Figure 9
Digital input
VI = V+ or GND,
Ci
See Figure 9
25°C
2.5 V
2.5
pF
capacitance
f = 1 MHz,
RL = 50 Ω,
Bandwidth
BW
See Figure 12
25°C
2.5 V
100
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–84
dB
f = 1 MHz,
See Figure 13
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
2.5 V
–84
dB
f = 1 MHz,
See Figure 14
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
2.5 V
0.15
%
distortion
CL = 50 pF,
See Figure 16
25°C
0.01
Positive supply
Switch ON or
I+
VI = V+ or GND,
2.75 V
µA
current
OFF
Full
0.5
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TS5A9411


Numéro de pièce similaire - TS5A9411

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKR TI-TS5A9411DCKR Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKR TI1-TS5A9411DCKR Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411DCKRG4 TI-TS5A9411DCKRG4 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS5A9411

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A9411 TI-TS5A9411_15 Datasheet
864Kb / 23P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI-TS5A9411 Datasheet
490Kb / 21P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A9411 TI1-TS5A9411_14 Datasheet
915Kb / 24P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI-TS3A24159_08 Datasheet
895Kb / 25P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24159 TI1-TS3A24159_14 Datasheet
1Mb / 31P
[Old version datasheet]   0.3-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_09 Datasheet
768Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI1-TS3A24157_14 Datasheet
1Mb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_1 Datasheet
756Kb / 24P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157 Datasheet
790Kb / 25P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS3A24157 TI-TS3A24157_15 Datasheet
1,017Kb / 26P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com