Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A1066DCKRG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A1066DCKRG4
Description  10-W SPST ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS5A1066DCKRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TS5A1066DCKRG4 Datasheet HTML 2Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 3Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 4Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 5Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 6Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 9Page - Texas Instruments TS5A1066DCKRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
www.ti.com
TS5A1066
10-
Ω SPST ANALOG SWITCH
SCDS185B – JANUARY 2005 – REVISED APRIL 2006
Electrical Characteristics for 3.3-V Supply (continued)
V
+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
3.3 V
4.5
5.5
8
VCOM = 2 V,
CL = 35 pF,
Turn-on time
tON
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
4.5
8.5
3.6 V
25
°C
3.3 V
2
3
4.5
VCOM = 2 V,
CL = 35 pF,
Turn-off time
tOFF
ns
3 V to
RL = 300 Ω,
See Figure 17
Full
2
5.5
3.6 V
Charge
VGEN = 0,
QC
See Figure 20
25
°C
3.3 V
1
pC
injection
CL = 0.1 nF,
NO
VNO = V+ or GND,
OFF
CNO(OFF)
See Figure 16
25
°C
3.3 V
6.8
pF
Switch OFF,
capacitance
COM
VCOM = V+ or
OFF
CCOM(OFF) GND,
See Figure 16
25
°C
3.3 V
6.8
pF
capacitance
Switch OFF,
NO
VNO = V+ or GND,
ON
CNO(ON)
See Figure 16
25
°C
3.3 V
14
pF
Switch ON,
capacitance
COM
VCOM = V+ or
ON
CCOM(ON)
GND,
See Figure 16
25
°C
3.3 V
14
pF
capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
3.3 V
2.2
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25
°C
3.3 V
400
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
3.3 V
–68
dB
f = 10 MHz,
See Figure 19
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
3.3 V
0.2
%
distortion
CL = 50 pF,
See Figure 21
Supply
25
°C
0.05
1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
3.6 V
µA
current
Full
5
6
Submit Documentation Feedback


Numéro de pièce similaire - TS5A1066DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A1066DCKR TI-TS5A1066DCKR Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
More results

Description similaire - TS5A1066DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A2066 TI-TS5A2066 Datasheet
347Kb / 24P
[Old version datasheet]   DUAL-CHANNEL 10-W SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066_15 Datasheet
922Kb / 30P
[Old version datasheet]   10-廓 SPST ANALOG SWITCH
TS5A1066 TI-TS5A1066 Datasheet
220Kb / 19P
[Old version datasheet]   10 OHM SPST ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
MAX4596 TI-MAX4596 Datasheet
148Kb / 13P
[Old version datasheet]   SINGLE-CHANNEL 10-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com