Moteur de recherche de fiches techniques de composants électroniques |
|
TS3L100PW Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
TS3L100PW Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 26 page TS3L100 QUAD SPDT WIDEBANDWIDTH LAN SWITCH WITH LOW ONSTATE RESISTANCE SCDS161A − MAY 2004 – REVISED OCTOBER 2004 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Network Analyzer (HP8753ES) RL = 100 Ω EXT TRIGGER BIAS P1 P2 DUT YA S E IA0 VE VS VCC VBIAS Figure 5. Test Circuit for Frequency Response (BW) Frequency response is measured at the output of the ON channel. For example, when VS = 0, VE = 0, and YA is the input, the output is measured at IA0. All unused analog I/O ports are left open. HP8753ES setup Average = 4 RBW = 3 kHz VBIAS = 0.35 V ST = 2 s P1 = 0 dBM |
Numéro de pièce similaire - TS3L100PW |
|
Description similaire - TS3L100PW |