Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A5018DRG4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
TS3A5018DRG4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 29 page TS3A5018 SCDS189D – JANUARY 2005 – REVISED MARCH 2010 www.ti.com Electrical Characteristics for 3.3-V Supply (1) V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25°C 7 10 ON-state 0 ≤ (VNC or VNO) ≤ V+, Switch ON, ron 3 V Ω resistance ICOM = –32 mA, See Figure 13 Full 12 ON-state 25°C 0.3 0.8 resistance VNC or VNO = 2.1 V, Switch ON, Δron 3 V Ω match between ICOM = –32 mA, See Figure 13 Full 1 channels ON-state 25°C 5 7 0 ≤ (VNC or VNO) ≤ V+, Switch ON, resistance ron(flat) 3 V Ω ICOM = –32 mA, See Figure 13 Full 8 flatness VNC or VNO = 1 V, 25°C –0.1 0.05 0.1 VCOM = 3 V, Switch OFF, or 3.6 V See Figure 14 Full –0.2 0.2 VNC or VNO = 3 V, NC, NO VCOM = 1 V, INC(OFF), OFF leakage mA INO(OFF) VNC or VNO = 0 to 3.6 V, 25°C –2 0.05 2 current VCOM = 3.6 V to 0, Switch OFF, or 0 V See Figure 14 Full –10 10 VNC or VNO = 3.6 V to 0, VCOM = 0 to 3.6 V, VCOM = 1 V, 25°C –0.1 0.05 0.1 VNC or VNO = 3 V, Switch OFF, or 3.6 V See Figure 14 Full –0.2 0.2 VCOM = 3 V, COM VNC or VNO = 3 V, OFF leakage ICOM(OFF) mA VCOM = 0 to 3.6 V, 25°C –2 0.05 2 current VNC or VNO = 3.6 V to 0, Switch OFF, or 0 V See Figure 14 Full –10 10 VCOM = 3.6 V to 0, VNC or VNO = 0 to 3.6 V, VNC or VNO = 1 V, 25°C –0.1 0.05 0.1 NC, NO VCOM = Open, INC(ON), Switch ON, ON leakage or 3.6 V mA INO(ON) See Figure 15 Full –0.2 0.2 current VNC or VNO = 3 V, VCOM = Open, VCOM = 1 V, 25°C –0.1 0.05 0.1 COM VNC or VNO = Open, Switch ON, ON leakage ICOM(ON) or 3.6 V mA See Figure 15 Full –0.2 0.2 current VCOM = 3 V, VNC or VNO = Open, Digital Control Inputs (IN, EN)(2) Input logic high VIH Full 2 V+ V Input logic low VIL Full 0 0.8 V 25°C –1 0.05 1 Input leakage IIH, IIL VI = V+ or 0 3.6 V mA current Full –1 1 (1) The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column. (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback Copyright © 2005–2010, Texas Instruments Incorporated Product Folder Link(s): TS3A5018 |
Numéro de pièce similaire - TS3A5018DRG4 |
|
Description similaire - TS3A5018DRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |