Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A5017DRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TS3A5017DRG4
Description  DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TS3A5017DRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS3A5017DRG4 Datasheet HTML 4Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 5Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 6Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 7Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 8Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 9Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 10Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 11Page - Texas Instruments TS3A5017DRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TYPICAL PERFORMANCE
V
(V)
COM
T = 25°C
A
V = 2.5 V
+
V = 3.3 V
+
1
4
2
3
18
12
6
16
10
4
14
8
2
0
0
0
2
4
6
8
10
12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
85°C
25°C
°C
40
V
(V)
COM
ICOM(ON)
INC(ON)
INC(OFF)
INO(ON)
INO(OFF)
ICOM(OFF)
40
10
–40
25
85
30
20
0
T (°C)
A
0
2
4
6
8
10
12
14
16
18
0.0
0.5
1.0
1.5
2.0
2.5
3.0
85°C
25°C
°
40 C
VCOM (V)
V
(V)
COM
V = 2.5 V
+
V = 3.3 V
+
3.0
3.0
1.5
1.5
4.0
4.5
2.5
2.5
1.0
1.0
3.5
3.5
2.0
2.0
0.5
0.5
0.0
0.0
6
7
4
5
8
9
2
3
0
1
V (V)
+
2.0
2.5
3.0
3.5
4.0
tON
tOFF
TS3A5017
SCDS188D – JANUARY 2005 – REVISED DECEMBER 2008 .......................................................................................................................................... www.ti.com
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3.3 V)
Figure 3. ron vs VCOM (V+ = 2.5 V)
Figure 4. Leakage Current vs Temperature (V+ = 3.6 V)
Figure 5. Charge Injection (QC) vs VCOM
Figure 6. tON and tOFF vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A5017


Numéro de pièce similaire - TS3A5017DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A5017DRG4 TI1-TS3A5017DRG4 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - TS3A5017DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A5017 TI1-TS3A5017_14 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017 Datasheet
363Kb / 20P
[Old version datasheet]   14-OHM DUAL SP4T ANALOG SWITCH 3.3-V/2.5-V DUAL 4:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS3A5017 TI-TS3A5017_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5017 Dual SP4T Analog Switch / Multiplexer / Demultiplexer
TS5A23159 TI-TS5A23159_10 Datasheet
702Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159 Datasheet
386Kb / 23P
[Old version datasheet]   1-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI-TS5A23159_09 Datasheet
718Kb / 27P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23159 TI1-TS5A23159_14 Datasheet
926Kb / 30P
[Old version datasheet]   1-廓 DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
logo
Texas Instruments
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com