Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G79DBVT Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
SN74AUP1G79DBVT Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 24 page VM From Output Under Test CL (see Note A) LOAD CIRCUIT 1 M Ω VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES INVERTING AND NONINVERTING OUTPUTS tPLH tPHL tPHL tPLH VOH VOH VOL VOL VI 0 V Input Output Output NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr/tf = 3 ns. C. The outputs are measured one at a time, with one transition per measurement. D. tPLH and tPHL are the same as tpd. E. All parameters and waveforms are not applicable to all devices. VM VM VM VM VM 5, 10, 15, 30 pF VCC/2 VCC VCC = 1.2 V ± 0.1 V VCC = 0.8 V VCC = 1.5 V ± 0.1 V VCC = 1.8 V ± 0.15 V VCC = 2.5 V ± 0.2 V VCC = 3.3 V ± 0.3 V 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC CL VM VI 5, 10, 15, 30 pF VCC/2 VCC 5, 10, 15, 30 pF VCC/2 VCC th tsu Data Input Timing Input VCC 0 V VCC 0 V 0 V tw Input VOLTAGE WAVEFORMS SETUP AND HOLD TIMES VOLTAGE WAVEFORMS PULSE DURATION VCC/2 VCC/2 VCC/2 VCC/2 VCC VCC/2 SN74AUP1G79 www.ti.com SCES592G – JULY 2004 – REVISED MAY 2010 PARAMETER MEASUREMENT INFORMATION (Propagation Delays, Setup and Hold Times, and Pulse Width) Figure 3. Load Circuit and Voltage Waveforms Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): SN74AUP1G79 |
Numéro de pièce similaire - SN74AUP1G79DBVT |
|
Description similaire - SN74AUP1G79DBVT |