Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53127RGER Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53127RGER
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS53127RGER Fiches technique(HTML) 2 Page - Texas Instruments

  TPS53127RGER Datasheet HTML 1Page - Texas Instruments TPS53127RGER Datasheet HTML 2Page - Texas Instruments TPS53127RGER Datasheet HTML 3Page - Texas Instruments TPS53127RGER Datasheet HTML 4Page - Texas Instruments TPS53127RGER Datasheet HTML 5Page - Texas Instruments TPS53127RGER Datasheet HTML 6Page - Texas Instruments TPS53127RGER Datasheet HTML 7Page - Texas Instruments TPS53127RGER Datasheet HTML 8Page - Texas Instruments TPS53127RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TPS53127 RGE
(QFN )
DRVH2
VBST2
EN2
SW1
DRVL1
DRVH1
VBST1
EN1
PGND2
PGND1
DRVL2
SW2
C3
10uF
VO2
1.05V/4A
C5
0.1uF
Input Voltage
PGND
C4
22uFx2
10uF
C6
10uF
L1
PGND
Q3
FDS8878
R4
3.63k
R5
10k
PGND
SGND
R6
4.7k
24
22
23
19
20
21
13
14
15
16
17
18
8
9
10
11
12
7
1
2
3
4
5
6
Power PAD
PGND
SGND
4.5V to 24V
VO1
1.8V/4A
Q4
FDS8690
Q1
FDS8878
C9
Q2
FDS8690
L2
SPM6530T
1.5uH
L1
SPM6530T
1.5uH
C2
0.1uF
R
4.3k
R2
10k
C
1uF
C7
4.7uF
R1
13.5k
C1
22uFx2
C11
4700pF
C10
4700pF
TPS53127PW
TSSOP24
SW1
DRVL1
DRVH1
VBST1
EN1
VFB2
VO2
VO1
VFB1
GND
TRIP2
VREG5
TRIP1
PGND1
3
24
8
21
22
23
15
9
16
18
19
20
5
7
1
10
11
VIN
SS2
DRVH2
VBST2
EN2
PGND2
DRVL2
SW2 13
14
12
V5FILT
17
SS1
6
2
4
PGND
PGND
SGND
PGND
SGND
Input Voltage
4.5V to 24V
C9
10uF
VO1
1.8V/4A
C1
22uFx2
C3
10uF
Q1
FDS8878
L1
SPM6530T
1.5uH
Q2
FDS8690
C2
0.1uF
R
4.3k
R6
4.7k
C
1uF
C7
4.7uF
L2
SPM6530T
1.5uH
VO2
1.05V/4A
C6
10uF
Q3
FDS8878
Q4
FDS8690
C5
0.1uF
R2
10k
R1
13.5k
R5
10k
R4
3.63k
C11
4700pF
C10
4700pF
C4
22uFx2
TPS53127
SLVSA93 – MARCH 2010
www.ti.com
TYPICAL APPLICATION CIRCUITS
Figure 1. QFN
Figure 2. TSSOP
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS53127


Numéro de pièce similaire - TPS53127RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53127RGER TI-TPS53127RGER Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results

Description similaire - TPS53127RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com