Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40200 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40200
Description  WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40200 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS40200 Datasheet HTML 3Page - Texas Instruments TPS40200 Datasheet HTML 4Page - Texas Instruments TPS40200 Datasheet HTML 5Page - Texas Instruments TPS40200 Datasheet HTML 6Page - Texas Instruments TPS40200 Datasheet HTML 7Page - Texas Instruments TPS40200 Datasheet HTML 8Page - Texas Instruments TPS40200 Datasheet HTML 9Page - Texas Instruments TPS40200 Datasheet HTML 10Page - Texas Instruments TPS40200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
5
10
15
20
25
30
35
40
45
50
55
V
(V)
DD
220
225
230
235
240
245
250
255
260
265
270
275
R=68.1k
C=470pF
T =25°C
W
J
5
10
15
20
25
30
35
40
45
50
55
19.00
19.50
20.00
20.50
21.00
T =25°C
J
V
-V
DD
19.50
19.70
19.90
20.10
20.30
20.50
-50
-25
0
25
50
75
100
125
Temp-°C
V
=12V
DD
V
=4.5V
DD
-50
-25
0
25
50
75
100
125
Temp°C
20.25
20.30
20.35
20.40
20.45
20.50
V
=52V
DD
V
=24V
DD
V
=12V
DD
V
=24V
DD
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
Temp-°C
-50
-25
0
25
50
75
100
125
Temp-°C
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
V
=36V
DD
V
=52V
DD
TPS40200
www.ti.com ........................................................................................................................................ SLUS659D – FEBRUARY 2006 – REVISED NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
OSCILLATOR FREQUENCY vs VDD
POWER STAGE GAIN vs VDD
Figure 10.
Figure 11.
POWER STAGE GAIN vs TEMPERATURE
POWER STAGE GAIN vs TEMPERATURE
Figure 12.
Figure 13.
MODULATOR RAMP AMPLITUDE vs TEMPERATURE
MODULATOR RAMP AMPLITUDE vs TEMPERATURE
Figure 14.
Figure 15.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS40200


Numéro de pièce similaire - TPS40200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200 Datasheet
1Mb / 48P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
TPS40200 TI1-TPS40200 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200-EP TI-TPS40200-EP Datasheet
892Kb / 39P
[Old version datasheet]   WIDE-INPUT-RANGE NONSYNCHRONOUS VOLTAGE-MODE CONTROLLER
More results

Description similaire - TPS40200

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40200 TI-TPS40200 Datasheet
2Mb / 39P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI1-TPS40200_16 Datasheet
1Mb / 46P
[Old version datasheet]   Wide Input Range Non-Synchronous Voltage Mode Controller
TPS40200 TI-TPS40200_08 Datasheet
1Mb / 46P
[Old version datasheet]   WIDE INPUT RANGE NON-SYNCHRONOUS VOLTAGE MODE CONTROLLER
TPS40200 TI-TPS40200_15 Datasheet
1Mb / 49P
[Old version datasheet]   TPS40200 Wide Input Range Non-Synchronous Voltage Mode Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
LM5088 TI1-LM5088_14 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
Global Mixed-mode Techn...
G5212 GMT-G5212 Datasheet
72Kb / 1P
   Wide Input Range Synchronous Buck DCDC Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com