Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCH2T45 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AVCH2T45
Description  DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH2T45 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AVCH2T45 Datasheet HTML 3Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 4Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 5Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 6Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 7Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 8Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 9Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 10Page - Texas Instruments SN74AVCH2T45 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVCH2T45
DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES582F – JULY 2004 – REVISED NOVEMBER 2007
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
A
B
ns
tPHL
2.8
0.7
5.4
0.5
4.6
0.4
3.7
0.3
3.5
tPLH
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
B
A
ns
tPHL
2.7
0.8
5.4
0.7
5.2
0.6
4.9
0.5
4.7
tPHZ
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
DIR
A
ns
tPLZ
3.9
1.3
8.5
1.3
7.8
1.1
7.7
1.4
7.6
tPHZ
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
DIR
B
ns
tPLZ
4.7
1.1
7
1.4
6.9
1.2
6.9
1.7
7.1
tPZH
(1)
7.4
12.4
12.1
11.8
11.8
DIR
A
ns
tPZL
(1)
7.4
12.4
12.1
11.8
11.8
tPZH
(1)
6.7
13.9
12.4
11.4
11.1
DIR
B
ns
tPZL
(1)
6.7
13.9
12.4
11.4
11.1
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.7
0.5
5.2
0.4
4.3
0.2
3.4
0.2
3.1
A
B
ns
tPHL
2.7
0.5
5.2
0.4
4.3
0.2
3.4
0.2
3.1
tPLH
2.4
0.7
4.7
0.5
4.4
0.5
4
0.4
3.8
B
A
ns
tPHL
2.4
0.7
4.7
0.5
4.4
0.5
4
0.4
3.8
tPHZ
3.7
1.3
8.1
0.7
6.9
1.4
5.3
1.1
5.2
DIR
A
ns
tPLZ
3.7
1.3
8.1
0.7
6.9
1.4
5.3
1.1
5.2
tPHZ
4.4
1.3
5.8
1.3
5.9
0.8
5.7
1.5
5.9
DIR
B
ns
tPLZ
4.4
1.3
5.8
1.3
5.9
0.8
5.7
1.5
5.9
tPZH
(1)
6.8
10.5
10.3
9.7
9.7
DIR
A
ns
tPZL
(1)
6.8
10.5
10.3
9.7
9.7
tPZH
(1)
6.4
13.3
11.2
8.7
8.3
DIR
B
ns
tPZL
(1)
6.4
13.3
11.2
8.7
8.3
(1)
The enable time is a calculated value derived using the formula shown in the enable times section.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVCH2T45


Numéro de pièce similaire - SN74AVCH2T45

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCH2T45 TI-SN74AVCH2T45 Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI1-SN74AVCH2T45 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
SN74AVCH2T45DCTR TI-SN74AVCH2T45DCTR Datasheet
418Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45DCTR TI1-SN74AVCH2T45DCTR Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
SN74AVCH2T45DCTR TI1-SN74AVCH2T45DCTR Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit, 2-Supply, Bus Transceiver with Configurable Level-Shifting and Translation and 3-State Outputs
More results

Description similaire - SN74AVCH2T45

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45-Q1 TI1-SN74LVC2T45-Q1 Datasheet
662Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45-Q1 TI1-SN74AVC2T45-Q1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_07 Datasheet
491Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45 Datasheet
427Kb / 22P
[Old version datasheet]   DUAL BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_08 Datasheet
628Kb / 26P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245_10 Datasheet
496Kb / 15P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T245 TI-SN74AVC2T245 Datasheet
395Kb / 14P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com