Moteur de recherche de fiches techniques de composants électroniques |
|
TL432BQPK Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TL432BQPK Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 75 page TL431, TL431A, TL431B TL432, TL432A, TL432B www.ti.com SLVS543K – AUGUST 2004 – REVISED JUNE 2010 Vref TOLERANCE (25°C) = 1% TL431A, TL432A ORDERING INFORMATION(1) TOP-SIDE TA PACKAGE(2) ORDERABLE PART NUMBER MARKING(3) PDIP (P) Tube of 50 TL431ACP TL431ACP SC-70 (DCK) Reel of 3000 TL431ACDCKR T4_ Reel of 250 TL431ACDCKT SOIC (D) Tube of 75 TL431ACD 431AC Reel of 2500 TL431ACDR SOP (PS) Reel of 2000 TL431ACPSR T431A SOT-23-5 (DBV) Reel of 3000 TL431ACDBVR TAC_ Reel of 250 TL431ACDBVT Reel of 3000 TL432ACDBVR T4B_ Reel of 250 TL432ACDBVT SOT-23-3 (DBZ) Reel of 3000 TL431ACDBZR TAC_ 0°C to 70°C Reel of 250 TL431ACDBZT Reel of 3000 TL432ACDBZR T4B_ Reel of 250 TL432ACDBZT SOT-89 (PK) Reel of 1000 TL431ACPK 4A TL432ACPK 2D TO-226/TO-92 (LP) Bulk of 1000, straight lead TL431ACLP TL431AC Ammo of 2000, formed lead TL431ACLPM Reel of 2000, formed lead TL431ACLPR Reel of 2000, formed lead TL431ACLPRE3 TSSOP (PW) Tube of 150 TL431ACPW T431A Reel of 2000 TL431ACPWR PDIP (P) Tube of 50 TL431AIP TL431AIP SC-70 (DCK) Reel of 3000 TL431AIDCKR T5_ Reel of 250 TL431AIDCKT SOIC (D) Tube of 75 TL431AID 431AI Reel of 2500 TL431AIDR SOT-23-5 (DBV) Reel of 3000 TL431AIDBVR TAI_ Reel of 250 TL431AIDBVT Reel of 3000 TL432AIDBVR T4A_ Reel of 250 TL432AIDBVT -40°C to 85°C SOT-23-3 (DBZ) Reel of 3000 TL431AIDBZR TAI_ Reel of 250 TL431AIDBZT Reel of 3000 TL432AIDBZR T4A_ Reel of 250 TL432AIDBZT SOT-89 (PK) Reel of 1000 TL431AIPK 4B TL432AIPK 2E TO-226/TO-92 (LP) Bulk of 1000, straight lead TL431AILP TL431AI Ammo of 2000, formed lead TL431AILPM Reel of 2000, formed lead TL431AILPR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
Numéro de pièce similaire - TL432BQPK |
|
Description similaire - TL432BQPK |