Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV33509.MP8B Fiches technique(PDF) 6 Page - QT Optoelectronics

No de pièce MV33509.MP8B
Description  PCB MOUNT LED INDICATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  QT [QT Optoelectronics]
Site Internet  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

MV33509.MP8B Fiches technique(HTML) 6 Page - QT Optoelectronics

  MV33509.MP8B Datasheet HTML 1Page - QT Optoelectronics MV33509.MP8B Datasheet HTML 2Page - QT Optoelectronics MV33509.MP8B Datasheet HTML 3Page - QT Optoelectronics MV33509.MP8B Datasheet HTML 4Page - QT Optoelectronics MV33509.MP8B Datasheet HTML 5Page - QT Optoelectronics MV33509.MP8B Datasheet HTML 6Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 s France 33 01/43.99.25.12 s Germany 49 089/96.30.51 s United Kingdom 44 01296/39.44.99 s Asia/Pacific 603/735-2417
© 1996 QT Optoelectronics QT-007-A
DS 101
.183
(4.65)
.035
(.89)
.244
(6.20)
.500
(12.7)
.185 TYP
(4.70)
.100
(2.54)
.020
(.51)
.270 (6.86)
.230 (5.84)
CATHODE**
.440
(11.18)
.145 MIN
(3.68)
.090
± .020
(2.29)
.230 (5.84)
.190 (4.83)
PCB MOUNT LED INDICATORS
Page 6 of 6
PACKAGE DIMENSIONS
@
PKG.
PART NUMBER
COLOR
VF
mcd
mA
FIG.
MV60539.MP90
RED/RED
1.7
3.2
20
9
MV63539.MP93
YLW/YLW
2.1
20.0
20
9
MV64539.MP94
GRN/GRN
2.2
28.0
20
9
MV67539.MP97
H-E RED/H-E RED
2.1
15.0
20
9
LOW CURRENT (2mA)
HLMP-47009.MP97
H-E RED/H-E RED
1.8
2.0
2
9
HLMP-47199.MP93
YLW/YLW
1.9
2.0
2
9
HLMP-47409.MP94
GRN/GRN
1.9
3.0
2
9
ULTRA BRIGHT
MV33509.MP93
YLW/YLW*
2.2
150.0
20
9
MV34509.MP94
GRN/GRN*
2.2
150.0
20
9
MV37509.MP97
H-E RED/H-E RED*
2.2
150.0
20
9
INTEGRAL RESISTOR
MR30509.MP90
RED/RED
5.0
2.0
13
9
MR33509.MP93
YLW/YLW
5.0
4.0
10
9
MR34509.MP94
GRN/GRN
5.0
4.0
12
9
MR37509.MP97
H-E RED/H-E RED
5.0
4.0
10
9
BICOLOR**
MV54919.MP91
R/G/R/G
2.3
6.0
20
9
T-1 3/4 (5 mm) bilevel
FIG. - 9
Parts are stackable
@
DIM A
PKG.
PART NUMBER
COLOR
VF
mcd
mA
in.
(mm) FIG.
MV60538.MP8B
RED
1.7
2.0
20 .140
(3.56)
8B
MV63538.MP8B
YLW
2.1
18.0
20 .140
(3.56)
8B
MV64538.MP8B
GRN
2.2
26.0
20 .140
(3.56)
8B
MV67538.MP8B
H-E RED
2.1
14.0
20 .140
(3.56)
8B
MV60539.MP8B
RED
1.7
3.2
20 .195
(4.95)
8B
MV63539.MP8B
YLW
2.1
20.0
20 .195
(4.95)
8B
MV64539.MP8B
GRN
2.2
28.0
20 .195
(4.95)
8B
MV67539.MP8B
H-E RED
2.1
15.0
20 .195
(4.95)
8B
LOW CURRENT (2mA)
HLMP-47009.MP8B
H-E RED
1.8
2.0
2
.195
(4.95)
8B
HLMP-47199.MP8B
YLW
1.9
2.0
2
.195
(4.95)
8B
HLMP-47409.MP8B
GRN
1.9
3.0
2
.195
(4.95)
8B
ULTRA BRIGHT
MV33509.MP8B
YLW*
2.2
150.0
20 .195
(4.95)
8B
MV34509.MP8B
GRN*
2.2
150.0
20 .195
(4.95)
8B
MV37509.MP8B
H-E. RED*
2.2
150.0
20 .195
(4.95)
8B
INTEGRAL RESISTOR
MR30509.MP8B
RED
5.0
2.0
13 .195
(4.95)
8B
MR30519.MP8B
RED
12.0
2.0
13 .195
(4.95)
8B
MR33509.MP8B
YLW
5.0
4.0
10 .195
(4.95)
8B
MR33519.MP8B
YLW
12.0
4.0
13 .195
(4.95)
8B
MR34509.MP8B
GRN
5.0
4.0
12 .195
(4.95)
8B
MR34519.MP8B
GRN
12.0
4.0
13 .195
(4.95)
8B
MR37509.MP8B
H-E RED
5.0
4.0
10 .195
(4.95)
8B
MR37519.MP8B
H-E RED
12.0
4.0
13 .195
(4.95)
8B
BICOLOR**
MV54919.MP8B
RED/GRN
2.3
6.0
20 .195
(4.95)
8B
T-1 3/4 (5mm) multiple
.355 (9.02)
.190
(4.83)
1.01 (25.65)
.250 TYP
(6.35)
.020 TYP
(.51)
.250 TYP
(6.35)
.100 TYP
(2.54)
.145 MIN
(3.68)
.250
(6.35)
CATHODE**
DIM A
.195
(4.95)
.50 REF
(1.27)
FIG. - 8B
GENERAL NOTES:
1. All dimensions are in inches (mm).
2. Tolerance is ± .015 (± .38) unless otherwise specified.
3. All electrical values are typical.
4. All parts have colored
diffused lens except those with
an asterik (*), which denotes colored
clear lens.
5. A double asterik (**) denotes that the cathode, as indicated,
is the red cathode for the RED/GRN bicolor LED.
6. Custom color combinations are available.
SPECIFIC NOTES:
For T-1 3/4 (5mm) multiple, multiples of four is the standard configuration.
Options — To obtain units in multiples of two add a “-2” suffix to the
part number (i.e. MV64539.MP8-2). To obtain units in multiples of
three add a “-3” suffix.


Numéro de pièce similaire - MV33509.MP8B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MV33509.MP8B FAIRCHILD-MV33509.MP8B Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV33509.MP8B QT-MV33509.MP8B Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
More results

Description similaire - MV33509.MP8B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
107-305-04 MARL-107-305-04_13 Datasheet
184Kb / 4P
   pcb led indicators
109-305-04 MARL-109-305-04_13 Datasheet
222Kb / 5P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com