Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUC1G00 Fiches technique(PDF) 2 Page - Texas Instruments |
|
SN74AUC1G00 Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 14 page www.ti.com 1 A 2 B Y 4 Absolute Maximum Ratings (1) SN74AUC1G00 SINGLE 2-INPUT POSITIVE-NAND GATE SCES368O – SEPTEMBER 2001 – REVISED JANUARY 2007 FUNCTION TABLE INPUTS OUTPUT Y A B H H L L X H X L H LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 3.6 V VI Input voltage range(2) –0.5 3.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 3.6 V VO Output voltage range(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±100 mA DBV package 206 DCK package 252 θ JA Package thermal impedance(3) °C/W DRL package 142 YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. 2 Submit Documentation Feedback |
Numéro de pièce similaire - SN74AUC1G00_09 |
|
Description similaire - SN74AUC1G00_09 |