Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SB380 Fiches technique(PDF) 2 Page - Gulf Semiconductor

No de pièce SB380
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 3.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB380 Fiches technique(HTML) 2 Page - Gulf Semiconductor

  SB380 Datasheet HTML 1Page - Gulf Semiconductor SB380 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SB370 THRU SB3100
2 Rev.A5
www.gulfsemi.com


Numéro de pièce similaire - SB380

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
SB380 DGNJDZ-SB380 Datasheet
248Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB380 PANJIT-SB380 Datasheet
54Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
SB380 DAESAN-SB380 Datasheet
295Kb / 2P
   CURRENT 3.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SB380 BILIN-SB380 Datasheet
120Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SB380 TAYCHIPST-SB380 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Description similaire - SB380

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
SB270 GULFSEMI-SB270 Datasheet
134Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 70 TO 100V CURRENT: 2.0A
logo
Mospec Semiconductor
SR37 MOSPEC-SR37 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
logo
Gulf Semiconductor
SB310 GULFSEMI-SB310 Datasheet
138Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
SB310-B GULFSEMI-SB310-B Datasheet
139Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 3.0A
logo
Leshan Radio Company
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
logo
Gulf Semiconductor
1N5820 GULFSEMI-1N5820 Datasheet
99Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 3.0A
SB320 GULFSEMI-SB320 Datasheet
98Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 60V CURRENT: 3.0A
SB340-E GULFSEMI-SB340-E Datasheet
96Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40 to 60V CURRENT: 3.0A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com