Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC548C-BP Fiches technique(PDF) 4 Page - Micro Commercial Components

No de pièce BC548C-BP
Description  NPN Silicon Amplifier Transistor 625mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC548C-BP Fiches technique(HTML) 4 Page - Micro Commercial Components

  BC548C-BP Datasheet HTML 1Page - Micro Commercial Components BC548C-BP Datasheet HTML 2Page - Micro Commercial Components BC548C-BP Datasheet HTML 3Page - Micro Commercial Components BC548C-BP Datasheet HTML 4Page - Micro Commercial Components BC548C-BP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCC
BC546 thru BC548C
BC547/BC548
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
0.8
1.0
0.6
0.2
0.4
1.0
2.0
0.1
1.0
10
100
0.2
0.2
0.5
0.2
1.0
10
200
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
-1.0
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
0.2
2.0
10
200
1.0
TA = 25°C
200 mA
50 mA
IC =
10 mA
VCE = 5 V
TA = 25°C
0
0.5
2.0
5.0
20
50
100
0.05
0.2
0.5
2.0
5.0
100 mA
20 mA
-1.4
-1.8
-2.2
-2.6
-3.0
0.5
5.0
20
50
100
-55°C to 125°C
θVB for VBE
BC546
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
0.1 0.2
1.0
50
2.0
2.0
10
100
100
200
500
50
20
20
10
6.0
4.0
1.0
10
50 100
5.0
VCE = 5 V
TA = 25°C
0.5
5.0
20
TA = 25°C
Cob
Cib
Revision: 7
2008/11/05
TM
Micro Commercial Components
www.mccsemi.com
4 of 5


Numéro de pièce similaire - BC548C-BP

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
BC548C MOTOROLA-BC548C Datasheet
193Kb / 6P
   Amplifier Transistors
logo
Weitron Technology
BC548C WEITRON-BC548C Datasheet
1Mb / 5P
   NPN General Purpose Transistor
logo
ON Semiconductor
BC548C ONSEMI-BC548C Datasheet
140Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Micro Commercial Compon...
BC548C MCC-BC548C Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
logo
Siemens Semiconductor G...
BC548C SIEMENS-BC548C Datasheet
210Kb / 6P
   NPN Silicon Transistors
More results

Description similaire - BC548C-BP

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B Datasheet
1Mb / 4P
   NPN Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
   NPN Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556 Datasheet
690Kb / 4P
   PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
   NPN Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com