Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846BW-TP Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BC846BW-TP
Description  NPN General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC846BW-TP Fiches technique(HTML) 2 Page - Micro Commercial Components

  BC846BW-TP Datasheet HTML 1Page - Micro Commercial Components BC846BW-TP Datasheet HTML 2Page - Micro Commercial Components BC846BW-TP Datasheet HTML 3Page - Micro Commercial Components BC846BW-TP Datasheet HTML 4Page - Micro Commercial Components BC846BW-TP Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ON CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Units
ICBO
Collector-base Cut-off Current
(ICE=0, VCB=30Vdc)
(ICE=0, VCB=30Vdc, Tj=150
)
---
---
---
---
15
5
nA
µA
ICEO
Emitter-base Cut-off Current
(IC=0, VEB=5Vdc)
---
---
100
nA
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=0.5mAdc)
(IC=100mAdc, IB=5mAdc*)
---
---
90
200
250
600
mVdc
mVdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc,IB=0.5mAdc)
(IC=100mAdc, IB=5mAdc*)
---
---
700
900
---
---
mVdc
mVdc
hFE
DC Current Gain (IC=10
µA; VCE=5V)
BC846AW; BC847AW;BC848AW
BC846BW; BC847BW;BC848BW
BC847CW;BC848CW
DC Current Gain (IC=2mA; VCE=5V)
BC846AW; BC847AW;BC848AW
BC846BW; BC847BW;BC848BW
BC847CW;BC848CW
---
---
---
110
200
420
90
150
270
180
290
520
---
---
---
220
450
800
VBE
Base-emitter Voltage
(IC=2mAdc,VCE=5V)
(IC=10mAdc,VCE=5V)
580
---
660
---
700
770
mVdc
mVdc
Cc
Collector Capacitance (VCB=10V; IE=Ie=0; f=1MHz)
---
---
4.5
pF
fT
Transition Frequency (VCE=5V; IC=10mA; f=100MHz)
100
---
---
MHz
F
Noise Figure (VCE=5V; IC=200
µA; f=1KHz; B=200Hz; RS=2K¡)
---
---
10
dB
* Pulse test: tP 300
µs; ¥ 0.02
MCC
Revision: 6
2008/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 5


Numéro de pièce similaire - BC846BW-TP

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BC846BW-13-F DIODES-BC846BW-13-F Datasheet
340Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
BC846BW-7-F DIODES-BC846BW-7-F Datasheet
367Kb / 3P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 8 - 2
BC846BW-7-F DIODES-BC846BW-7-F Datasheet
340Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
logo
Diotec Semiconductor
BC846BW-AQ DIOTEC-BC846BW-AQ Datasheet
126Kb / 2P
   SMD General Purpose NPN Transistors
logo
Comchip Technology
BC846BW-G COMCHIP-BC846BW-G Datasheet
135Kb / 5P
   Small Signal Transistor
More results

Description similaire - BC846BW-TP

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com