Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCA406EZXYR Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce SN74AVCA406EZXYR
Description  MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406EZXYR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button SN74AVCA406EZXYR Datasheet HTML 4Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 5Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 6Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 7Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 8Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 9Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 10Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 11Page - Texas Instruments SN74AVCA406EZXYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RECOMMENDED OPERATING CONDITIONS
(1) (2) (3)
SN74AVCA406E
SCES659E – OCTOBER 2007 – REVISED JUNE 2009..................................................................................................................................................... www.ti.com
VCCI
VCCO
MIN
MAX
UNIT
VCCA
Supply voltage
1.2
3.6
V
VCCB
Supply voltage
1.2
3.6
V
1.2 V to 1.95 V
VCCI x 0.65
VIH
High-level input voltage
All inputs(4)
1.95 V to 2.7 V
1.7
V
2.7 V to 3.6 V
2
1.2 V to 1.95 V
VCCI x 0.35
VIL
Low-level input voltage
All inputs(4)
1.95 V to 2.7 V
0.7
V
2.7 V to 3.6 V
0.8
VI
Input voltage
Control inputs
0
3.6
V
Active state
0
VCCO
VI/O
Input/output voltage
V
3-state
0
3.6
1.2 V
–1
1.4 V to 1.6 V
–1
IOH
High-level output current (A port)
1.65 V to 1.95 V
–2
mA
2.3 V to 2.7 V
–4
3 V to 3.6 V
–8
1.2 V
1
1.4 V to 1.6 V
1
IOL
Low-level output current (A port)
1.65 V to 1.95 V
2
mA
2.3 V to 2.7 V
4
3 V to 3.6 V
8
1.2 V
–1
1.4 V to 1.6 V
–2
IOH
High-level output current (B port)
1.65 V to 1.95 V
–4
mA
2.3 V to 2.7 V
–8
3 V to 3.6 V
–16
1.2 V
1
1.4 V to 1.6 V
2
IOL
Low-level output current (B port)
1.65 V to 1.95 V
4
mA
2.3 V to 2.7 V
8
3 V to 3.6 V
16
Δt/Δv
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
All unused data inputs of the device must be held at VCCI or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(4)
CMD-dir, DAT0-dir, and DAT123-dir are referenced to VCCA.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74AVCA406E


Numéro de pièce similaire - SN74AVCA406EZXYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406EZXYR TI-SN74AVCA406EZXYR Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406EZXYR TI-SN74AVCA406EZXYR Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results

Description similaire - SN74AVCA406EZXYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406E TI-SN74AVCA406E_08 Datasheet
531Kb / 20P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206A TI1-TXS0206A Datasheet
1,013Kb / 23P
[Old version datasheet]   SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406 TI-SN74AVCA406 Datasheet
1Mb / 51P
[Old version datasheet]   MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com