Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G34DBVTE4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74AUP1G34DBVTE4
Description  LOW-POWER SINGLE BUFFER GATE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G34DBVTE4 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AUP1G34DBVTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G34DBVTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
(µ A)
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates
3.3-V
Logic
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time-ns
AUP1G08dataatCL =15pF
SwitchingCharacteristics
at25MHz
Output
Input
A
Y
2
4
A
Y
1
3
SN74AUP1G34
SCES603G – AUGUST 2004 – REVISED MARCH 2010
www.ti.com
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
This single buffer gate performs the Boolean function Y = A in positive logic.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE(2)
PART NUMBER
MARKING(3)
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G34YFPR
_ _ _H9_
0.23-mm Large Bump – YFP
NanoStar – WCSP (DSBGA)
Reel of 3000
SN74AUP1G34YZPR
_ _ _H9_
0.23-mm Large Bump – YZP (Pb-free)
QFN – DRY
Reel of 5000
SN74AUP1G34DRYR
H9
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP1G34DSFR
H9
SOT (SOT-23) – DBV
Reel of 3000
SN74AUP1G34DBVR
H34_
SOT (SC-70) – DCK
Reel of 3000
SN74AUP1G34DCKR
H9_
SOT (SOT-553) – DRL
Reel of 4000
SN74AUP1G34DRLR
H9_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
H
H
L
L
LOGIC DIAGRAM (POSITIVE LOGIC)
(DBV, DCK, DRL, DRY, and YZP PACKAGES)
LOGIC DIAGRAM (POSITIVE LOGIC)
(YFP PACKAGE)
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP1G34


Numéro de pièce similaire - SN74AUP1G34DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G34DBVTE4 TI-SN74AUP1G34DBVTE4 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
More results

Description similaire - SN74AUP1G34DBVTE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com