Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G86 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC2G86
Description  DUAL 2-INPUT EXCLUSIVE-OR GATE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G86 Fiches technique(HTML) 5 Page - Texas Instruments

  SN74AUC2G86 Datasheet HTML 1Page - Texas Instruments SN74AUC2G86 Datasheet HTML 2Page - Texas Instruments SN74AUC2G86 Datasheet HTML 3Page - Texas Instruments SN74AUC2G86 Datasheet HTML 4Page - Texas Instruments SN74AUC2G86 Datasheet HTML 5Page - Texas Instruments SN74AUC2G86 Datasheet HTML 6Page - Texas Instruments SN74AUC2G86 Datasheet HTML 7Page - Texas Instruments SN74AUC2G86 Datasheet HTML 8Page - Texas Instruments SN74AUC2G86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
NOTES: A. C includesprobeandjigcapacitance.
B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol.
Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol.
C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,
slewrate
1V/ns.
D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
E. t
andt
arethesameast .
F. t
andt
arethesameast .
G. t
andt
arethesameast .
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
£
W
³
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
S1
2×V
CC
Open
GND
R
L
R
L
t
/t
PLH
PHL
Open
TEST
S1
2×V
CC
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
0V
t
W
Input
0V
Input
Output
Output
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
VOLTAGEWAVEFORMS
PULSEDURATION
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
OL
V
OH
V
CC
V
CC
V
OH
V
OL
V
CC/2
V
CC/2
V
CC/2
V
CC/2
t
PLH
t
PHL
t
PLH
t
PHL
t
h
t
su
DataInput
TimingInput
0V
0V
Output
Waveform1
S1at2×V
(seeNoteB)
CC
Output
Waveform2
S1atGND
(seeNoteB)
V
OL
V
OH
0V
»0V
Output
Control
V
CC/2
V
CC/2
V
CC/2
V
CC/2
V
CC/2
VOLTAGEWAVEFORMS
ENABLE ANDDISABLETIMES
LOW- ANDHIGH-LEVEL ENABLING
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
V
CC
V
CC
V
CC
V
CC/2
V
CC/2
V
CC
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
D
V
+V
OL
D
0.8V
1.2V
0.1V
±
1.5V
0.1V
±
1.8V
0.15V
±
2.5V
0.2V
±
1.8V
0.15V
±
2.5V
0.2V
±
V
CC
2kW
2kW
2kW
2kW
2kW
1kW
500 W
R
L
0.1V
0.1V
0.1V
0.15V
0.15V
0.15V
0.15V
V
D
C
L
15pF
15pF
15pF
15pF
15pF
30pF
30pF
SN74AUC2G86
DUAL 2-INPUT EXCLUSIVE-OR GATE
SCES479B – AUGUST 2003 – REVISED JANUARY 2007
Figure 1. Load Circuit and Voltage Waveforms
5
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC2G86

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCTR TI-SN74AUC2G86DCTR Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86DCUR TI-SN74AUC2G86DCUR Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86YEPR TI-SN74AUC2G86YEPR Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
SN74AUC2G86YZPR TI-SN74AUC2G86YZPR Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
More results

Description similaire - SN74AUC2G86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com