Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHCT126DG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHCT126DG4
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT126DG4 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AHCT126DG4 Datasheet HTML 1Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 2Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 3Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 4Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT126DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54AHCT126, SN74AHCT126
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS265O – DECEMBER 1995 – REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHCT126
SN74AHCT126
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL =15 pF
3.8*
5.5*
1*
6.5*
1
6.5
ns
tPHL
A
Y
CL = 15 pF
3.8*
5.5*
1*
6.5*
1
6.5
ns
tPZH
OE
Y
CL =15 pF
3.6*
5.1*
1*
6*
1
6
ns
tPZL
OE
Y
CL = 15 pF
3.6*
5.1*
1*
6*
1
6
ns
tPHZ
OE
Y
CL =15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLZ
OE
Y
CL = 15 pF
4.6*
6.8*
1*
8*
1
8
ns
tPLH
A
Y
CL =50 pF
5.3
7.5
1
8.5
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.3
7.5
1
8.5
1
8.5
ns
tPZH
OE
Y
CL =50 pF
5.1
7.1
1
8
1
8
ns
tPZL
OE
Y
CL = 50 pF
5.1
7.1
1
8
1
8
ns
tPHZ
OE
Y
CL =50 pF
6.1
8.8
1
10
1
10
ns
tPLZ
OE
Y
CL = 50 pF
6.1
8.8
1
10
1
10
ns
tsk(o)
CL = 50 pF
1**
1
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
** On products compliant to MIL-PRF-38535, this parameter does not apply.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHCT126
UNIT
PARAMETER
MIN
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.4
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


Numéro de pièce similaire - SN74AHCT126DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHCT126DG4 TI-SN74AHCT126DG4 Datasheet
715Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74AHCT126DG4 TI-SN74AHCT126DG4 Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHCT126 Quadruple Bus Buffer Gates With 3-State Outputs
REVISED MAY 2023
More results

Description similaire - SN74AHCT126DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com