Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5341 Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN5341
Description  Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5341 Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5341 Datasheet HTML 3Page - Fairchild Semiconductor FAN5341 Datasheet HTML 4Page - Fairchild Semiconductor FAN5341 Datasheet HTML 5Page - Fairchild Semiconductor FAN5341 Datasheet HTML 6Page - Fairchild Semiconductor FAN5341 Datasheet HTML 7Page - Fairchild Semiconductor FAN5341 Datasheet HTML 8Page - Fairchild Semiconductor FAN5341 Datasheet HTML 9Page - Fairchild Semiconductor FAN5341 Datasheet HTML 10Page - Fairchild Semiconductor FAN5341 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5341 • Rev. 1.0.0
7
Electrical Specifications
Figure 10.Line Transient Response for 4 LEDs at
VIN=3.6V ± 0.6V with L=10µH, COUT=1.0µF and
ILED=25mA
Figure 11.FAN5341 Dimming Operation at VIN=3.6V for 4
LEDs with L=10µH, COUT=1.0µF and ILED=25mA
Figure 12.Startup Waveform for Switch Voltage, Inductor
Current, VFB and EN for 4 LEDs at VIN=3.6V±
0.6V with L=10µH, COUT=1.0µF and ILED=25mA
Figure 13.Steady-State Waveform for VOUT, Switch Voltage
and Inductor Current for 4 LEDs at VIN=3.6V ±
0.6V with L=10µH, COUT=1.0µF and ILED=25mA


Numéro de pièce similaire - FAN5341

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN53418 FAIRCHILD-FAN53418 Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
FAN53418M FAIRCHILD-FAN53418M Datasheet
256Kb / 11P
   Synchronous DC-DC MOSFET Driver
logo
ON Semiconductor
FAN5341UMPX ONSEMI-FAN5341UMPX Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
More results

Description similaire - FAN5341

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5343 FAIRCHILD-FAN5343 Datasheet
1Mb / 11P
   6-LED Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
FAN5345 FAIRCHILD-FAN5345 Datasheet
1Mb / 14P
   Series Boost LED Driver with Single-Wire Digital Interface
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-1 LINER-LT3519-1_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Fairchild Semiconductor
FAN5346 FAIRCHILD-FAN5346 Datasheet
1Mb / 14P
   Series Boost LED Driver with PWM Dimming Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com