Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY550G-400 Fiches technique(PDF) 2 Page - Gulf Semiconductor

No de pièce BY550G-400
Description  GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BY550G-400 Fiches technique(HTML) 2 Page - Gulf Semiconductor

  BY550G-400 Datasheet HTML 1Page - Gulf Semiconductor BY550G-400 Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES BY550G-400
Rev.A1
www.gulfsemi.com


Numéro de pièce similaire - BY550G-400

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
BY550 JGD-BY550 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
BY550 EIC-BY550 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
BY550 DIOTEC-BY550 Datasheet
179Kb / 2P
   Silicon Rectifiers
logo
SynSemi, Inc.
BY550-100 SYNSEMI-BY550-100 Datasheet
39Kb / 2P
   SILICON RECTIFIER DIODES
logo
Jinan Jingheng (Group) ...
BY550-100 JINANJINGHENG-BY550-100 Datasheet
64Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results

Description similaire - BY550G-400

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
ER504 GULFSEMI-ER504 Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 400V CURRENT: 5.0A
SSF5AG GULFSEMI-SSF5AG Datasheet
80Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE:50 TO 400V CURRENT: 5.0A
ER502N GULFSEMI-ER502N Datasheet
100Kb / 2P
   ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE: 200V CURRENT: 5.0A
TVR1GPP GULFSEMI-TVR1GPP Datasheet
99Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE: 400V CURRENT: 1.0A
MUR240 GULFSEMI-MUR240 Datasheet
74Kb / 2P
   GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:2.0A
GPP6J GULFSEMI-GPP6J Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 600V CURRENT: 6.0A
1N4007G-1 GULFSEMI-1N4007G-1 Datasheet
91Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
BYV95B GULFSEMI-BYV95B Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.5A
BYV36B GULFSEMI-BYV36B Datasheet
80Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.6A
RGPB50J GULFSEMI-RGPB50J Datasheet
83Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 600V CURRENT: 5.0A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com