Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4006E Fiches technique(PDF) 1 Page - Gulf Semiconductor

No de pièce 1N4006E
Description  GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4006E Fiches technique(HTML) 1 Page - Gulf Semiconductor

  1N4006E Datasheet HTML 1Page - Gulf Semiconductor 1N4006E Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001E THRU 1N4007E
GENERAL PURPOSE
PLASTIC RECTIFIER
VOLTAGE:50 TO 1000V
CURRENT: 1.0A
FEATURE
A-405
Molded case feature for auto insertion
High current capability
Low leakage current
High surge capability
High temperature soldering guaranteed
250
°C/10sec/0.375”lead length at 5 lbs tension
MECHANICAL DATA
Terminal:Plated axial leads solderable per
MIL-STD 202E, method 208C
Case:Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity:color band denotes cathode
Mounting position:any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25
°C, unless otherwise stated,
for capacitive load, derate current by 20%)
SYMBOL
1N4
001E
1N4
002E
1N4
003E
1N4
004E
1N4
005E
1N4
006E
1N4
007E
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
Vrms
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
Vdc
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current 3/8”lead length at Ta =75
°C
If(av)
1.0
A
Peak Forward Surge Current 8.3ms single
Half sine-wave superimposed on rated load
Ifsm
30.0
A
Maximum Instantaneous Forward Voltage at
rated forward current
Vf
1.1
V
Maximum full load reverse current
full cycle at TL =75
°C
Ir(av)
30.0
µA
Maximum DC Reverse Current
Ta =25
°C
at rated DC blocking voltage
Ta =100
°C
Ir
5.0
50.0
µA
µA
Typical Junction Capacitance
(Note 1)
Cj
15.0
pF
Typical Thermal Resistance
(Note 2)
R(ja)
50.0
°C/W
Storage and Operation Junction Temperature
Tstg
-50 to +150
°C
Note:
1. Measured at 1.0 MHz and applied voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375”lead length, P.C. Board Mounted
1
Rev.A6
www.gulfsemi.com


Numéro de pièce similaire - 1N4006E

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
1N4006E ZOWIE-1N4006E Datasheet
45Kb / 2P
   SILICON RECTIFIER
More results

Description similaire - 1N4006E

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
P600A GULFSEMI-P600A Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
RL201 GULFSEMI-RL201 Datasheet
609Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT; 2.0A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gulf Semiconductor
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com